Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 4Page - Texas Instruments TMS320C54CST Datasheet HTML 5Page - Texas Instruments TMS320C54CST Datasheet HTML 6Page - Texas Instruments TMS320C54CST Datasheet HTML 7Page - Texas Instruments TMS320C54CST Datasheet HTML 8Page - Texas Instruments TMS320C54CST Datasheet HTML 9Page - Texas Instruments TMS320C54CST Datasheet HTML 10Page - Texas Instruments TMS320C54CST Datasheet HTML 11Page - Texas Instruments TMS320C54CST Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 171 page
background image
Figures
8
November 2001 − Revised September 2003
SPRS187B
List of Figures
Figure
Page
2−1
144-Ball GGU MicroStar BGA (Bottom View)
17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−2
144-Pin PGE Low-Profile Quad Flatpack (Top View)
19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2−3
Si3016 Pin Assignments
20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−1
TMS320C54CST Functional Block Diagram
26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−2
Program and Data Memory Map
29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−3
Extended Program Memory Map
30
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−4
Processor Mode Status (PMST) Register
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−5
Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]
32
. . .
3−6
Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
33
. . . . . . . . . . . . . . . . . . . . . . .
3−7
Bank-Switching Control Register (BSCR) [MMR Address 0029h]
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−8
Host-Port Interface — Nonmultiplexed Mode
37
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−9
HPI Memory Map
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−10
Multichannel Control Register (MCR1)
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−11
Multichannel Control Register (MCR2)
40
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−12
Pin Control Register (PCR)
41
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−13
Nonconsecutive Memory Read and I/O Read Bus Sequence
43
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−14
Consecutive Memory Read Bus Sequence (n = 3 reads)
44
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−15
Memory Write and I/O Write Bus Sequence
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−16
DMA Transfer Mode Control Register (DMMCRn)
46
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−17
On-Chip DMA Memory Map for Program Space (DLAXS = 0 and SLAXS = 0)
48
. . . . . . . . . . . . . . . .
3−18
On-Chip DMA Memory Map for Data and IO Space (DLAXS = 0 and SLAXS = 0)
49
. . . . . . . . . . . . .
3−19
DMPREC Register
50
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−20
UART Functional Block Diagram
53
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−21
General-Purpose I/O Control Register (GPIOCR) [MMR Address 003Ch]
63
. . . . . . . . . . . . . . . . . . . .
3−22
General-Purpose I/O Status Register (GPIOSR) [MMR Address 003Dh]
64
. . . . . . . . . . . . . . . . . . . . .
3−23
Device ID Register (CSIDR) [MMR Address 003Eh]
64
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−24
Functional Block Diagram
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−25
Register 1 − Control 1 Register Layout
73
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−26
Register 2 − Control 2 Register Layout
74
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−27
Register 3 − Reserved Register Layout
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−28
Register 4 − Reserved Register Layout
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−29
Register 5 − DAA Control 1 Register Layout
76
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−30
Register 6 − DAA Control 2 Register Layout
77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−31
Register 7 − Reserved Register Layout
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−32
Register 8 Layout (Reserved)
78
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−33
Register 9 − Sample Rate Control Register Layout
79
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−34
Register 10 − Reserved Register Layout
79
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−35
Register 11 − Chip A Revision Register Layout
80
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3−36
Register 12 − Line-Side Status Register Layout
81
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com