Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 67Page - Texas Instruments TMS320C54CST Datasheet HTML 68Page - Texas Instruments TMS320C54CST Datasheet HTML 69Page - Texas Instruments TMS320C54CST Datasheet HTML 70Page - Texas Instruments TMS320C54CST Datasheet HTML 71Page - Texas Instruments TMS320C54CST Datasheet HTML 72Page - Texas Instruments TMS320C54CST Datasheet HTML 73Page - Texas Instruments TMS320C54CST Datasheet HTML 74Page - Texas Instruments TMS320C54CST Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 171 page
background image
Functional Overview
71
November 2001 − Revised September 2003
SPRS187B
Hybrid
and DC
Termination
Ring Detect
Off Hook
Isolation
Interface
Telephone
Line
Line-Side Chip
External
Internal
BFSR
BFSX
BCLKX
BCLKR
BDX
BDR
BFSRX
BCLKRX
BDX
BDR
Integrated
DAA Interface
DAA
Master
Clock
CPU
Clock
DAARESET
RESET
C1A
Figure 3−24. Functional Block Diagram
3.19.1
DAA Control Registers
This subsection describes the DAA control registers accessible through the McBSP and the functions of the
individual bits in the registers (a later subsection describes how these registers are accessed through the
McBSP). Table 3−26 shows each of the control registers, along with its address, and all of the active bits within
the register. The Table 3−27 through Table 3−45 describe the function of each of the control register bits in
detail. Note that the description of each of the register bits function is included here for reference, however,
these functions are more meaningful when described within the context of their use in DAA operation, which
is described in the later subsections. It is recommended, therefore, that this section be considered for
familiarity, and used for reference after referring to the remaining subsections of the DAA documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com