Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 18Page - Texas Instruments TMS320C54CST Datasheet HTML 19Page - Texas Instruments TMS320C54CST Datasheet HTML 20Page - Texas Instruments TMS320C54CST Datasheet HTML 21Page - Texas Instruments TMS320C54CST Datasheet HTML 22Page - Texas Instruments TMS320C54CST Datasheet HTML 23Page - Texas Instruments TMS320C54CST Datasheet HTML 24Page - Texas Instruments TMS320C54CST Datasheet HTML 25Page - Texas Instruments TMS320C54CST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 171 page
background image
Introduction
22
November 2001 − Revised September 2003
SPRS187B
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O†
INITIALIZATION, INTERRUPT, AND RESET PINS (CONTINUED)
RS
I
Reset input. RS causes the DSP to terminate execution and causes a re-initialization of the CPU and
peripherals. When RS is brought to a high level, execution begins at location 0FF80h of program memory.
RS affects various registers and status bits.
MP/MC
I
Microprocessor/microcomputer mode select pin. If active low at reset, microcomputer mode is selected, and
the internal program ROM is mapped into the upper 16K words of program memory space. If the pin is
driven high during reset, microprocessor mode is selected, and the on-chip ROM is removed from program
space. This pin is only sampled at reset, and the MP/MC bit of the PMST register can override the mode
that is selected at reset.
MULTIPROCESSING AND GENERAL PURPOSE PINS
BIO
I
Branch control input. A branch can be conditionally executed when BIO is active. If low, the processor
executes the conditional instruction. The BIO condition is sampled during the decode phase of the pipeline
for XC instruction, and all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set
low by RSBX XF instruction or by loading ST1. XF is used for signaling other processors in multiprocessor
configurations or as a general-purpose output pin. XF goes into the high-impedance state when OFF is low,
and is set high at reset.
MEMORY CONTROL PINS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for
accessing a particular external memory space. Active period corresponds to valid address information.
Placed into a high-impedance state in hold mode. DS, PS, and IS also go into the high-impedance state
when OFF is low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access
to data or program memory. Placed in high-impedance state in hold mode. MSTRB also goes into the
high-impedance state when OFF is low.
READY
I
Data ready input. READY indicates that an external device is prepared for a bus transaction to be
completed. If the device is not ready (READY is low), the processor waits one cycle and checks READY
again. Note that the processor performs ready detection if at least two software wait states are
programmed. The READY signal is not sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device. Normally in
read mode (high), unless asserted low when the DSP performs a write operation. Placed in high-impedance
state in hold mode. R/W also goes into the high-impedance state when OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low level asserted to indicate an external bus access to an
I/O device. Placed in high-impedance state in hold mode. IOSTRB also goes into the high-impedance state
when OFF is low.
HOLD
I
Hold input. HOLD is asserted to request control of the address, data, and control lines. When
acknowledged by the C54x
 DSP, these lines go into high-impedance state.
HOLDA
O/Z
Hold acknowledge signal. HOLDA indicates that the DSP is in a hold state and that the address, data, and
control lines are in a high-impedance state, allowing the external memory interface to be accessed by other
devices. HOLDA also goes into the high-impedance state when is OFF low.
MSC
O/Z
Microstate complete. MSC indicates completion of all software wait states. When two or more software wait
states are enabled, the MSC pin goes active at the beginning of the first software wait state, and goes
inactive (high) at the beginning of the last software wait state. If connected to the ready input, MSC forces
one external wait state after the last internal wait state is completed. MSC also goes into the high
impedance state when OFF is low.
IAQ
O/Z
Instruction acquisition signal. IAQ is asserted (active low) when there is an instruction address on the
address bus and goes into the high-impedance state when OFF is low.
† I = Input, O = Output, Z = High-impedance, S = Supply
C54x is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com