Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 93Page - Texas Instruments TMS320C54CST Datasheet HTML 94Page - Texas Instruments TMS320C54CST Datasheet HTML 95Page - Texas Instruments TMS320C54CST Datasheet HTML 96Page - Texas Instruments TMS320C54CST Datasheet HTML 97Page - Texas Instruments TMS320C54CST Datasheet HTML 98Page - Texas Instruments TMS320C54CST Datasheet HTML 99Page - Texas Instruments TMS320C54CST Datasheet HTML 100Page - Texas Instruments TMS320C54CST Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 171 page
background image
Functional Overview
97
November 2001 − Revised September 2003
SPRS187B
Table 3−46. Loop Current Transfer Function
LVCS[4:0]
CONDITION
00000
Insufficient line current for normal operation. Use the
DOD bit to determine if a line is still connected.
00001
Minimum line current for normal operation.
11111
Loop current is excessive (overload).
Overload > 140 mA in all modes except CTR21.
Overload > 54 mA in CTR21 mode.
3.19.2.10 Off-Hook
The communication system generates an off-hook command by setting the OH bit. With the OH bit set, the
system is in an off-hook state.
The off-hook state is used to seize the line for incoming/outgoing calls and can also be used for pulse dialing.
When the DAA is on-hook, negligible DC current flows through the hookswitch. When the DAA is placed in
the off-hook state, the hookswitch transistor pair, Q1 and Q2, turn on. This applies a termination impedance
across TIP and RING and causes DC loop current to flow. The termination impedance has both an AC and
DC component.
When executing an off-hook sequence, the DAA requires 1548/Fs seconds to complete the off-hook and
provide phone-line data on the serial link. This includes the 12/Fs filter group delay. If necessary, for the
shortest delay, a higher Fs may be established prior to executing the off-hook, such as an Fs of 10.286 kHz.
The delay allows for line transients to settle prior to normal use.
3.19.2.11 DC Termination
The DAA has four programmable DC termination modes which are selected with the DCT[1:0] bits in
Register 16.
FCC mode (DCT[1:0] = 10 b), shown in Figure 3−53, is the default DC termination mode and supports a
transmit full scale level of –1 dBm at TIP and RING. This mode meets FCC requirements in addition to the
requirements of many other countries.
12
11
10
9
8
7
6
FCC DCT Mode
.01 .02 .03 .04 .05 .06 .07 .08 .09
.1
.11
Loop Current (A)
Figure 3−53. FCC Mode I/V Characteristics
CTR21 mode (DCT[1:0] = 11 b), shown in Figure 3−54, provides current limiting while maintaining a transmit
full scale level of –1 dBm at TIP and RING. In this mode, the DC termination will current limit before reaching
60 mA if the LIM bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com