Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 24Page - Texas Instruments TMS320C54CST Datasheet HTML 25Page - Texas Instruments TMS320C54CST Datasheet HTML 26Page - Texas Instruments TMS320C54CST Datasheet HTML 27Page - Texas Instruments TMS320C54CST Datasheet HTML 28Page - Texas Instruments TMS320C54CST Datasheet HTML 29Page - Texas Instruments TMS320C54CST Datasheet HTML 30Page - Texas Instruments TMS320C54CST Datasheet HTML 31Page - Texas Instruments TMS320C54CST Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 171 page
background image
Functional Overview
28
November 2001 − Revised September 2003
SPRS187B
The telephony algorithms included in the ROM are the following:
Modem Algorithms
V.32bis/V.22bis (up to 14.4 kbps)
V.42 error correction
G
Embedded V.42bis compression
Modem Integrator
G
Embedded V.14 async-to-sync conversion
Telephony Algorithms
UMTG/UMTD (Universal multifrequency tone generator/detector)
G
DTMF generation/detection
G
Call Progress Tone generation/detection
Caller ID types 1 and 2
Voice Algorithms
G.168 line echo cancellation
G.726 ACPCM compression (16−40 kbps)
G
Embedded G.711 PCM
Automatic Gain Control (AGC)
Voice Activity Detection (VAD)
Comfort Noise Generation (CNG)
3.3
On-Chip RAM
The 54CST device contains 40K-words x 16-bit of DARAM.
The DARAM is composed of five blocks of 8K words each. Each block in the DARAM can support two reads
in one cycle, or a read and a write in one cycle. The five blocks of DARAM on the 54CST are located in the
address range 0080h−9FFFh in data space and can be mapped in program/data space by setting the OVLY
bit to one.
3.4
On-Chip Memory Security
The 54CST device provides maskable options to protect the contents of on-chip memories. When the ROM
protect option is selected, no externally originating instruction can access the on-chip ROM; when the RAM
protect option is selected, HPI RAM is protected; HPI writes are not restricted, but HPI reads are restricted
to 2000h − 3FFFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com