Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 25Page - Texas Instruments TMS320C54CST Datasheet HTML 26Page - Texas Instruments TMS320C54CST Datasheet HTML 27Page - Texas Instruments TMS320C54CST Datasheet HTML 28Page - Texas Instruments TMS320C54CST Datasheet HTML 29Page - Texas Instruments TMS320C54CST Datasheet HTML 30Page - Texas Instruments TMS320C54CST Datasheet HTML 31Page - Texas Instruments TMS320C54CST Datasheet HTML 32Page - Texas Instruments TMS320C54CST Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 171 page
background image
Functional Overview
29
November 2001 − Revised September 2003
SPRS187B
3.5
Memory Map
Page 0 Program
Reserved (OVLY=1)
or
External (OVLY=0)
On-Chip DARAM
(OVLY=1)
Or
External (OLVY=0)
0000
007F
0080
DARAM
(if OVLY=1)
External if OVLY=0
7FFF
8000
External
A000
Interrupts and
Reserved
(External)
FF7F
FF80
MP/MC=1
(Microprocessor Mode)
FFFF
Hex
Page 0 Program
Reserved (OVLY=1)
or
External (OVLY=0)
On-Chip DARAM
(OVLY=1)
Or
External (OLVY=0)
0000
007F
0080
On-Chip ROM
(16K Words)
7FFF
8000
On-chip ROM
(16K Words)
Interrupts and
Reserved
(On-chip)
FF7F
FF80
MP/MC=0
(Microcomputer Mode)
FFFF
Hex
Data
Scratch-Pad RAM
On-Chip DARAM
(32K Words)
0000
007F
0080
DARAM
(8K Words)
7FFF
8000
External
A000
ROM (DROM=1)
External (DROM=0)
FF7F
FF80
FFFF
Hex
Memory Mapped
Registers
6000
On-Chip ROM
(8K Words)
C000
ROM (DROM=1) or
External (DROM=0)
C000
0060
005F
BFFF
BFFF
9FFF
9FFF
5FFF
Figure 3−2. Program and Data Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com