Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 42Page - Texas Instruments TMS320C54CST Datasheet HTML 43Page - Texas Instruments TMS320C54CST Datasheet HTML 44Page - Texas Instruments TMS320C54CST Datasheet HTML 45Page - Texas Instruments TMS320C54CST Datasheet HTML 46Page - Texas Instruments TMS320C54CST Datasheet HTML 47Page - Texas Instruments TMS320C54CST Datasheet HTML 48Page - Texas Instruments TMS320C54CST Datasheet HTML 49Page - Texas Instruments TMS320C54CST Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 171 page
background image
Functional Overview
46
November 2001 − Revised September 2003
SPRS187B
3.12.1
Features
The DMA has the following features:
•
The DMA operates independently of the CPU.
•
The DMA has six channels. The DMA can keep track of the contexts of six independent block transfers.
•
The DMA has higher priority than the CPU for both internal and external accesses.
•
Each channel has independently programmable priorities.
•
Each channel’s source and destination address registers can have configurable indexes through memory
on each read and write transfer, respectively. The address may remain constant, be post-incremented,
be post-decremented, or be adjusted by a programmable value.
•
Each read or write internal transfer may be initialized by selected events.
•
On completion of a half- or entire-block transfer, each DMA channel may send an interrupt to the CPU.
•
The DMA can perform double-word internal transfers (a 32-bit transfer of two 16-bit words).
3.12.2
DMA External Access
The 54CST DMA supports external accesses to extended program memory. A maximum of two DMA
channels can be used for external memory accesses. The DMA external accesses require a minimum of
8 cycles for external writes and a minimum of 11 cycles for external reads assuming the XIO02 is in
consecutive mode (CONSEC = 1), wait state is set to two, and CLKOUT is not divided (DIVFCT = 00).
The control of the bus is arbitrated between the CPU and the DMA. While the DMA or CPU is in control of the
external bus, the other will be held-off via wait states until the current transfer is complete. The DMA takes
precedence over XIO requests.
•
Only two channels are available for external accesses. (One for external reads and one for external
writes.)
•
Single-word (16-bit) transfers are supported for external accesses.
•
The DMA does not support transfers from the peripherals to external memory.
•
The DMA does not support transfers from external memory to the peripherals.
•
The DMA does not support external-to-external transfers.
15
14
13
12
11
10
8
AUTOINIT
DINM
IMOD
CTMOD
SLAXS
SIND
7654
210
DMS
DLAXS
DIND
DMD
Figure 3−16. DMA Transfer Mode Control Register (DMMCRn)
These new bit fields were created to allow the user to define the space-select for the DMA (internal/external).
Also, a new extended destination data page (XDSTDP[6:0], subaddress 029h) and extended source data
page (XSRCDP[6:0], subaddress 028h) have been created. The functions of the DLAXS and SLAXS bits are
as follows:
DLAXS(DMMCRn[5]) Destination 0 = No external access (default internal)
1 = External access
SLAXS(DMMCRn[11]) Source
0 = No external access (default internal)
1 = External access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com