Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 19Page - Texas Instruments TMS320C54CST Datasheet HTML 20Page - Texas Instruments TMS320C54CST Datasheet HTML 21Page - Texas Instruments TMS320C54CST Datasheet HTML 22Page - Texas Instruments TMS320C54CST Datasheet HTML 23Page - Texas Instruments TMS320C54CST Datasheet HTML 24Page - Texas Instruments TMS320C54CST Datasheet HTML 25Page - Texas Instruments TMS320C54CST Datasheet HTML 26Page - Texas Instruments TMS320C54CST Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 171 page
background image
Introduction
23
November 2001 − Revised September 2003
SPRS187B
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O†
OSCILLATOR/TIMER PINS
CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the rising edges of this signal. CLKOUT also goes into the high-impedance state when
OFF is low.
CLKMD1
CLKMD2
CLKMD3
I
Clock mode external/internal input signals. CLKMD1−CLKMD3 allows you to select and configure different
clock modes such as crystal, external clock, various PLL factors.
X2/CLKIN
I
Input pin to internal oscillator from the crystal. If the internal oscillator is not being used, an external clock
source can be applied to this pin. The internal machine cycle time is determined by the clock operating
mode pins (CLKMD1, CLKMD2 and CLKMD3).
X1
O
Output pin from the internal oscillator for the crystal. If the internal oscillator is not used, X1 should be left
unconnected. X1 does not go into the high-impedance state when OFF is low.
TOUT
O
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is a CLKOUT
cycle wide. TOUT also goes into the high-impedance state when OFF is low.
TOUT1
I/O/Z
Timer1 output. TOUT1 signals a pulse when the on-chip timer1 counts down past zero. The pulse is a
CLKOUT cycle wide. The TOUT1 output is multiplexed with the HINT pin of the HPI, and TOUT1 is only
available when the HPI is disabled.
MULTI-CHANNEL BUFFERED SERIAL PORT PINS
BCLKR0
BCLKR1
I/O/Z
Receive clock input. BCLKR serves as the serial shift clock for the buffered serial port receiver.
BDR0
BDR1
I
Serial data receive input.
BFSR0
BFSR1
BFSRX2
I/O/Z
Frame synchronization pulse for receive input. The BFSR pulse initiates the receive data process over
BDR. BFSRX2 is McBSP2 transmit AND receive frame sync.
BCLKX0
BCLKX1
I/O/Z
Transmit clock. BCLKX serves as the serial shift clock for the buffered serial port transmitter. The BCLKX
pins are configured as inputs after reset. BCLKX goes into the high-impedance state when OFF is low.
BDX0
BDX1
O/Z
Serial data transmit output. BDX is placed in the high-impedance state when not transmitting, when RS is
asserted or when OFF is low.
BFSX0
BFSX1
I/O/Z
Frame synchronization pulse for transmit output. The BFSX pulse initiates the transmit data process over
BDX. The BFSX pins are configured as inputs after reset. BFSX goes into the high-impedance state when
OFF is low.
INTEGRATED DAA
C1A
I/O
DAA I/O connection.
C1A5V
S
Dedicated 5.0V power supply for I/O pin C1A.
DAAEN
I
DAA Enable Input. Enables the DAA when low.
UART
TX
O
UART asynchronous serial transmit data output.
RX
I
UART asynchronous serial receive data input.
† I = Input, O = Output, Z = High-impedance, S = Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com