Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C54CST Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C54CST
Description  Client Side Telephony DSP
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C54CST Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320C54CST Datasheet HTML 28Page - Texas Instruments TMS320C54CST Datasheet HTML 29Page - Texas Instruments TMS320C54CST Datasheet HTML 30Page - Texas Instruments TMS320C54CST Datasheet HTML 31Page - Texas Instruments TMS320C54CST Datasheet HTML 32Page - Texas Instruments TMS320C54CST Datasheet HTML 33Page - Texas Instruments TMS320C54CST Datasheet HTML 34Page - Texas Instruments TMS320C54CST Datasheet HTML 35Page - Texas Instruments TMS320C54CST Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 171 page
background image
Functional Overview
32
November 2001 − Revised September 2003
SPRS187B
Table 3−1. Processor Mode Status (PMST) Register Bit Fields (Continued)
BIT
DESCRIPTION
RESET
VALUE
NO.
DESCRIPTION
RESET
VALUE
NAME
1
SMUL
N/A
Saturation on multiplication. When SMUL = 1, saturation of a multiplication result occurs before
performing the accumulation in a MAC of MAS instruction. The SMUL bit applies only when OVM = 1
and FRCT = 1.
0
SST
N/A
Saturation on store. When SST = 1, saturation of the data from the accumulator is enabled before
storing in memory. The saturation is performed after the shift operation.
3.6
On-Chip Peripherals
The 54CST device has the following peripherals:
•
Software-programmable wait-state generator
•
Programmable bank-switching
•
A host-port interface (HPI8/16)
•
Three multichannel buffered serial ports (McBSPs)
•
Two hardware timers
•
A clock generator with a multiple phase-locked loop (PLL)
•
Enhanced external parallel interface (XIO2)
•
A DMA controller (DMA)
•
A UART with an integrated baud rate generator
•
An integrated DAA module
3.6.1 Software-Programmable Wait-State Generator
The software wait-state generator of the 54CST can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY line.
When all external accesses are configured for zero wait states, the internal clocks to the wait-state generator
are automatically disabled. Disabling the wait-state generator clocks reduces the power consumption of
the 54CST.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 14 LSBs
of the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to five
separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is
initialized to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown
in Figure 3−5 and described in Table 3−2.
15
14
12
11
9
8
XPA
I/O
DATA
DATA
R/W-0
R/W-111
R/W-111
6
5
3
2
0
DATA
PROGRAM
PROGRAM
R/W-111
R/W-111
R/W-111
LEGEND: R = Read, W = Write, 0 = Value after reset
Figure 3−5. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com