Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 14Page - Texas Instruments OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments OPA552FA/500 Datasheet HTML 19Page - Texas Instruments OPA552FA/500 Datasheet HTML 20Page - Texas Instruments OPA552FA/500 Datasheet HTML 21Page - Texas Instruments OPA552FA/500 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
V-
V+
Grey area is
ground layer
0.1 µF
bypasses
0.01 µF
bypass
Output
Flag
R2
R1
VIN
DDPAK-7
PDIP-8 and
SOIC-8
Gain Resistor
Gain Resistor
Flag
V+
Bypass
Capacitor
VOUT
V-
VIN
VIN
-
+
GND
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
10 Layout
10.1 Layout Guidelines
The circuit board must have as much ground plane area as possible. Power supply and output traces must be
sized to handle the required current. Keep input and output terminals separated as much as possible.
10.2 Layout Example
Figure 34. Layout Example (OPA551)
10.3 Power Dissipation
Internal power dissipation of these operational amplifiers can be quite large. Many of the specifications for the
OPA55x are for a specified junction temperature. If the device is not subjected to internal self-heating, the
junction temperature is the same as the ambient. However, in practical applications, the device self-heats and
the junction temperature becomes significantly higher than ambient. After junction temperature has been
established, performance parameters that vary with junction temperature can be determined from the
performance curves. The following calculation can be performed to establish junction temperature as a function
of ambient temperature and the conditions of the application.
Consider the OPA551 in a circuit configuration where the load is 600
Ω and the output voltage is 15 V. The
supplies are at ±30 V and the ambient temperature (TA) is 40°C. The θJA for the 8-pin PDIP package is 100°C/W.
First, the internal heating of the operational amplifier is in Equation 4:
PD(internal) = IQ × VS = 7.2 mA × 60 V = 432 mW
(4)
The output current (IO) can be calculated in Equation 5:
IO = VOUT/RL = 15 V/600 Ω = 25 mA
(5)
The power being dissipated (PD) in the output transistor of the amplifier can be calculated in Equation 6 and
Equation 7:
PD(output stage) = IO× (VS –– VO) = 25 mA × (30 – 15) = 375 mW
(6)
PD(total) = PD(internal) + PD(output stage) = 432 mW + 375 mW = 807 mW
(7)
The resulting junction temperature can be calculated in Equation 8 and Equation 9:
TJ = TA + PD θJA
(8)
TJ = 40°C + 807 mW × 100°C/W = 120.7°C
where
•
TJ = junction temperature (°C)
•
TA = ambient temperature (°C)
•
θJA = junction-to-air thermal resistance (°C/W)
(9)
For the DDPAK/TO-263 package, the
θJA is 65°C/W with no heat sinking, resulting in a junction temperature of
92.5°C.
18
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com