Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 3 Page - Texas Instruments

  OPA552FA/500 Datasheet HTML 1Page - Texas Instruments OPA552FA/500 Datasheet HTML 2Page - Texas Instruments OPA552FA/500 Datasheet HTML 3Page - Texas Instruments OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NC
V–
V+
Out
+In
–In
1 2 3 4 5 6
Flag
7
1
2
3
4
8
7
6
5
Flag
V+
Out
V–
V–
–In
+In
V–
1
2
3
4
8
7
6
5
Flag
V+
Out
NC
NC
–In
+In
V–
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
5 Pin Configuration and Functions
OPA551, OPA552 P Package
OPA551, OPA552 D Package
8-Pin PDIP
8-Pin SOIC
Top View
Top View
OPA551, OPA552 KTW Package
7-Pin DDPAK/TO-263 Surface-Mount
Top View
NOTE: Tab is connected to V– supply.
Pin Functions
PIN
I/O
DESCRIPTION
DDPAK/
NAME
SOIC
PDIP
TO-263
Flag
8
8
7
O
Thermal shutdown indicator
+IN
3
3
1
I
Noninverting input
–IN
2
2
2
I
Inverting input
NC
—
1, 5
3
—
No internal connection (can be left floating)
Out
6
6
6
O
Output
Tab
—
—
Tab
—
Connect to V– supply
V+
7
7
5
—
Positive (highest) power supply
V–
1, 4, 5
4
4
—
Negative (lowest) power supply
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com