Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 3Page - Texas Instruments OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.1
0.01
0.001
0.0001
Frequency (Hz)
1
100
1k
10k
100k
V
O = 15Vrms
R
L = 3kΩ, 300Ω
G = 3 (OPA551)
G = 5 (OPA552)
10k
1k
100
10
1
10
100
1k
10k
100k
1M
Frequency (Hz)
i
n
e
n
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
–PSRR
+PSRR
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Phase
Gain
OPA551
140
120
100
80
60
40
20
0
–20
–40
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Phase
OPA552
Gain
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
6.6 Typical Characteristics
At TJ = 25°C, VS = ±30 V and RL = 3 kΩ, unless otherwise noted.
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Open-Loop Gain and Phase vs Frequency
(OPA551)
(OPA552)
Figure 3. Common-Mode Rejection Ratio vs Frequency
Figure 4. Power-Supply Rejection Ratio vs Frequency
Figure 5. Input Voltage and Current Noise Spectral Density
Figure 6. Total Harmonic Distortion + Noise vs Frequency
vs Frequency
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com