Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments OPA552FA/500 Datasheet HTML 12Page - Texas Instruments OPA552FA/500 Datasheet HTML 13Page - Texas Instruments OPA552FA/500 Datasheet HTML 14Page - Texas Instruments OPA552FA/500 Datasheet HTML 15Page - Texas Instruments OPA552FA/500 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
V
LOGIC
V
OUT
CMOS
OPA551
Logic
Ground
47kΩ
HP5082-2835
Flag
80 µA to
160 µA
HCT
OPA551
Logic
Ground
V
OUT
+5V
27kΩ
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
7.3.4 Thermal Protection
The OPA55x has thermal shutdown circuitry that protects the amplifier from damage caused by overload
conditions. The thermal protection circuitry disables the output when the junction temperature reaches
approximately 160°C, allowing the device to cool. When the junction temperature cools to approximately 140°C,
the output circuitry is automatically re-enabled.
The thermal shutdown function is not intended to replace proper heat sinking. Activation of the thermal shutdown
circuitry is an indication of excessive power dissipation or an inadequate heat sink. Continuously running the
amplifier into thermal shutdown can degrade reliability.
The thermal shutdown indicator (flag) pin can be monitored to determine if shutdown is occurring. During normal
operation, the current output from the flag pin is typically 50 nA. During shutdown, the current output from the
flag pin increases to 120
μA (typical). This current output allows for easy interfacing to external logic. Refer to
Figure 25 and Figure 26 for two examples that implement this function.
HCT logic has relatively well-controlled logic level. A properly chosen resistor value can ensure proper logic high level
throughout the full range of flag output current.
Figure 25. Interfacing With HCT Logic
Interface to virtually any CMOS logic gate by choosing resistor value that provides a guaranteed logic high voltage
with the minimum (80 µA) flag current. A diode clamp to the logic supply voltage assures that the CMOS is not
damaged by overdrive.
Figure 26. Interfacing With CMOS Logic
7.4 Device Functional Modes
The OPA551 and OPA552 have a single functional mode. The device is operational when the power supply is
above 8 V and the junction temperature is below 160°C.
12
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com