Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments OPA552FA/500 Datasheet HTML 12Page - Texas Instruments OPA552FA/500 Datasheet HTML 13Page - Texas Instruments OPA552FA/500 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Time (1µs/div)
OPA552
Time (1µs/div)
OPA551
Time (1µs/div)
OPA552
Time (1µs/div)
OPA551
60
50
40
30
20
10
0
0.01
1
0.1
10
Load Capacitance (nF)
OPA551,
G = 1
OPA551
G = –2
OPA551
G = –1
OPA552
G = –4
OPA552
G = –6
OPA552,
G = –8
Time (1µs/div)
OPA551
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VS = ±30 V and RL = 3 kΩ, unless otherwise noted.
G = 1, CL = 100 pF
Figure 19. Small-Signal Overshoot
Figure 20. Large-Signal Step Response
vs Load Capacitance
OPA551
G = 1, CL = 100 pF
G = 1, CL = 100 pF
Figure 22. Small-Signal Step Response
Figure 21. Large-Signal Step Response
OPA551
OPA552
G = 1, CL = 100 pF
G = 1, CL = 1000 pF
Figure 23. Small-Signal Step Response
Figure 24. Small-Signal Step Response
OPA552
OPA551
10
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com