Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 16Page - Texas Instruments OPA552FA/500 Datasheet HTML 17Page - Texas Instruments OPA552FA/500 Datasheet HTML 18Page - Texas Instruments OPA552FA/500 Datasheet HTML 19Page - Texas Instruments OPA552FA/500 Datasheet HTML 20Page - Texas Instruments OPA552FA/500 Datasheet HTML 21Page - Texas Instruments OPA552FA/500 Datasheet HTML 22Page - Texas Instruments OPA552FA/500 Datasheet HTML 23Page - Texas Instruments OPA552FA/500 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Circuit Board Copper Area
50
40
30
20
10
0
0
1
2
3
4
5
Copper Area (inches2)
OPA551, OPA552
Surface-Mount Package
1oz. copper
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
10.5 Heat Sinking
Power dissipated in the OPA551 or OPA552 causes the junction temperature to rise. For reliable operation, limit
the junction temperature to 125°C. Many applications require a heatsink to assure that the maximum operating
junction temperature is not exceeded. The heatsink required depends on the power dissipated and on ambient
conditions.
For heatsinking purposes, the tab of the DDPAK/TO-263 is typically soldered directly to the PCB copper area.
Increasing the copper area improves heat dissipation. Figure 38 shows typical thermal resistance from junction-
to-ambient as a function of copper area.
Depending on conditions, additional heatsinking may be required. Aavid Thermal Products Inc. manufactures
surface-mountable heatsinks designed specifically for use with DDPAK/TO-263 packages. Further information is
available on the Aavid web site, www.aavid.com.
To estimate the margin of safety in a complete design (including heatsink), increase the ambient temperature
until the thermal protection is activated. Use worst-case load and signal conditions. For good reliability, the
thermal protection must trigger more than 25°C above the maximum expected ambient condition of your
application. This level produces a junction temperature of 125°C at the maximum expected ambient condition.
Figure 38. Thermal Resistance vs Circuit Board Copper Area
Figure 39. OPA551, OPA552 Surface-Mount Package Circuit Board Copper Area
20
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com