Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 5 Page - Texas Instruments

  OPA552FA/500 Datasheet HTML 1Page - Texas Instruments OPA552FA/500 Datasheet HTML 2Page - Texas Instruments OPA552FA/500 Datasheet HTML 3Page - Texas Instruments OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
6.5 Electrical Characteristics: VS = ±30 V
At TJ = 25°C
(1), R
L = 3 kΩ connected to ground, and VOUT = 0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VCM = 0 V, IO = 0 mA
±1
±3
VOS
Input offset voltage
mV
TJ = –40°C to 125°C
±5
dVOS /dT
Input offset voltage vs temperature
TJ = –40°C to 125°C
±7
µV/°C
PSRR
Input offset voltage vs power supply
VS = ±4 V to ±30 V, VCM = 0 V
10
30
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±20
±100
pA
IOS
Input offset current
±3
±100
pA
NOISE
en
Input voltage noise density
f = 1 kHz
14
nV/
√Hz
in
Current noise density
f = 1 kHz
3.5
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V–) + 2.5
(V+) – 2.5
V
CMRR
Common-mode rejection ratio
–27.5 V < VCM < +27.5 V
92
102
dB
INPUT IMPEDANCE
Differential
Ω || pF
1013 || 2
Common-mode
Ω || pF
1013 || 6
OPEN-LOOP GAIN
RL = 3 kΩ, –28 V < VO < +28 V
110
126
RL = 3 kΩ, –28 V < VO < +28 V,
AOL
Open-loop voltage gain
100
dB
TJ = –40°C to 125°C
RL = 300 Ω, –27 V < VO < +27 V
120
OPA551 FREQUENCY RESPONSE
GBW
Gain-bandwidth product
3
MHz
SR
Slew rate
G = 1
±15
V/µs
0.1%
G = 1, CL = 100 pF, 10-V Step
1.3
Settling time
µs
0.01%
G = 1, CL = 100 pF, 10-V Step
2
f = 1 kHz, VO = 15 VRMS, RL = 3 kΩ,
0.0005%
G = 3
THD+N
Total harmonic distortion + noise
f = 1 kHz, VO = 15 VRMS, RL = 300 kΩ,
0.0005%
G = 3
Overload recovery time
VIN × Gain = VS
1
µs
OPA552 FREQUENCY RESPONSE
GBW
Gain-bandwidth product
12
MHz
SR
Slew rate
G = 5
±24
V/µs
0.1%
G = 5, CL = 100 pF, 10-V Step
2.2
Settling time
µs
0.01%
G = 5, CL = 100 pF, 10-V Step
3
f = 1 kHz, VO = 15 VRMS, RL = 3 kΩ,
0.0005%
G = 5
THD+N
Total harmonic distortion + noise
f = 1 kHz, VO = 15 VRMS, RL = 300 kΩ,
0.0005%
G = 5
Overload recovery time
VIN × Gain = VS
1
µs
(1)
All tests are high-speed tested at 25°C ambient temperature. Effective junction temperature is 25°C unless otherwise noted.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com