Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments OPA552FA/500 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
9
8
7
6
5
4
3
2
1
0
450
430
410
390
370
350
330
310
290
270
–75
–50
–25
0
25
50
75
100
125
150
Temperature (° C)
+I
SC
–I
SC
I
Q
100
10
1
–80 –60 –40 –20
0
20
40
60
80
100 120 140
Temperature ( °C)
OPA552
OPA551
130
125
120
115
110
105
100
95
90
85
80
–75
–25
25
75
125
Ambient Temperature (°C)
A
OL
PSRR
CMRR
100k
10k
1k
100
10
1
–75
0
–25
–50
25
50
75
100
125
Ambient Temperature ( °C)
+I
B
–I
B
–I
OS
(V+)
(V+)–1
(V+)–2
(V+)–3
(V–)+3
(V–)+2
(V–)+1
(V–)
0
50
100
150
200
250
300
350
400
Output Current (mA)
–55°C
+85°C
+85°C
–55°C
+25°C
+25°C
±30
±25
±20
±15
±10
±5
0
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
OPA552
OPA551
Without Slew-Induced
Distortion
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VS = ±30 V and RL = 3 kΩ, unless otherwise noted.
Figure 7. Maximum Output Voltage Swing vs Frequency
Figure 8. Output Voltage Swing vs Output Current
Figure 9. Open-Loop Gain, Power-Supply Rejection Ratio,
Figure 10. Input Bias Current and Input Offset Current
and Common-Mode Rejection Ratio vs Temperature
vs Temperature
Figure 11. Quiescent Current and Short-Circuit Current
Figure 12. Gain Bandwidth Product vs Temperature
vs Temperature
8
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com