Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 2Page - Texas Instruments OPA552FA/500 Datasheet HTML 3Page - Texas Instruments OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics: VS = ±30 V (continued)
At TJ = 25°C
(1), R
L = 3 kΩ connected to ground, and VOUT = 0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
IO = 200 mA
(V–) + 3
(V+) – 3
IO = 200 mA
(V–) + 3.5
(V+) – 3.5
TJ = –40°C to 125°C
VOUT
Voltage output
V
IO = 10 mA
(V–) + 2
(V+) – 2
IO = 10 mA
(V–) + 2.5
(V+) – 2.7
TJ = –40°C to 125°C
Package dependent — see Power
IO
Maximum continuous current output: DC
±200
mA
Dissipation section
ISC
Short-circuit current
±380
mA
CLOAD
Capacitive load drive
Stable operation
See Figure 19
SHUTDOWN FLAG
Normal operation, sourcing
0.05
1
µA
Thermal shutdown status output
Thermal shutdown, sourcing
80
120
160
Voltage compliance range
V–
(V+) –1.5
V
Shutdown
160
Junction temperature
°C
Reset from shutdown
140
POWER SUPPLY
VS
Specified voltage
±30
V
Operating voltage range
±4
±30
V
IO = 0 mA
±7
±8.5
IQ
Quiescent current
mA
TJ = –40°C to 125°C
±10
TEMPERATURE RANGE
Specified range
–40
125
TJ
°C
Operating range
–55
125
6
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com