Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 4 Page - Texas Instruments

  OPA552FA/500 Datasheet HTML 1Page - Texas Instruments OPA552FA/500 Datasheet HTML 2Page - Texas Instruments OPA552FA/500 Datasheet HTML 3Page - Texas Instruments OPA552FA/500 Datasheet HTML 4Page - Texas Instruments OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OPA551, OPA552
SBOS100B – JULY 1999 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply, VS = (V+) to (V–)
60
V
Input voltage range, VIN
(V–) – 0.5
(V+) + 0.5
V
Output
See SOA Curve (Safe Operating Area)
Operating temperature, TA
–55
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage
8 (±4)
60 (±30)
V
Specified temperature
–40
125
°C
6.4 Thermal Information
OPA551, OPA552
D
P
KTW
THERMAL METRIC(1)
UNIT
(SOIC)
(PDIP)
(DDPAK/TO-263)
8 PINS
8 PINS
7 PINS
RθJA
Junction-to-ambient thermal resistance
96.7
44.1
22.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
38.7
31.8
34.7
°C/W
RθJB
Junction-to-board thermal resistance
38.2
21.4
7.7
°C/W
ψJT
Junction-to-top characterization parameter
3.7
9.1
3.3
°C/W
ψJB
Junction-to-board characterization parameter
37.5
21.2
7.7
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
—
—
0.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com