Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA552FA/500 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA552FA/500
Description  High-Voltage, High-Current Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA552FA/500 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA552FA/500 Datasheet HTML 5Page - Texas Instruments OPA552FA/500 Datasheet HTML 6Page - Texas Instruments OPA552FA/500 Datasheet HTML 7Page - Texas Instruments OPA552FA/500 Datasheet HTML 8Page - Texas Instruments OPA552FA/500 Datasheet HTML 9Page - Texas Instruments OPA552FA/500 Datasheet HTML 10Page - Texas Instruments OPA552FA/500 Datasheet HTML 11Page - Texas Instruments OPA552FA/500 Datasheet HTML 12Page - Texas Instruments OPA552FA/500 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Offset Drift µV/°C
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
100
10
1
1
10
100
Gain (V/V)
OPA551
0.1%
OPA552
0.01%
OPA552
0.1%
OPA551
0.01%
Offset Voltage (mV)
18
15
12
9
6
3
0
Typical production
distribution of
packaged units.
7.6
7.2
6.8
6.4
6.0
405
395
385
375
365
0
5
10
15
20
25
30
35
Supply Voltage (V)
I
Q
+I
SC
–I
SC
35
30
25
20
15
10
5
0
–60
–40
–20
0
20
40
60
80
100
120
140
Junction Temperature (° C)
OPA551
OPA552
30
25
20
15
10
5
0
–5
–30
–20
–10
0
10
20
30
Common-Mode Voltage (V)
+I
B
–I
B
I
OS
OPA551, OPA552
www.ti.com
SBOS100B – JULY 1999 – REVISED JANUARY 2016
Typical Characteristics (continued)
At TJ = 25°C, VS = ±30 V and RL = 3 kΩ, unless otherwise noted.
Figure 13. Slew Rate vs Temperature
Figure 14. Input Bias Current and Input Offset Current
vs Common-Mode Voltage
Figure 15. Quiescent Current and Short-Circuit Current
Figure 16. Offset Voltage Production Distribution
vs Supply Voltage
Figure 18. Settling Time vs Closed-Loop Gain
Figure 17. Offset Voltage Drift Production Distribution
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA551 OPA552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com