Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 57 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 57 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 53Page - ON Semiconductor AR0141CS Datasheet HTML 54Page - ON Semiconductor AR0141CS Datasheet HTML 55Page - ON Semiconductor AR0141CS Datasheet HTML 56Page - ON Semiconductor AR0141CS Datasheet HTML 57Page - ON Semiconductor AR0141CS Datasheet HTML 58Page - ON Semiconductor AR0141CS Datasheet HTML 59Page - ON Semiconductor AR0141CS Datasheet HTML 60Page - ON Semiconductor AR0141CS Datasheet HTML 61Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
57
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Electrical Specifications
Notes:
1. One UI is defined as the normalized mean time between one edge and the following edge of the
clock.
2. Taken from the 0V crossing point with the DLL off.
3. Also defined with a maximum loading capacitance of 10 pF on any pin. The loading capacitance
may also need to be less for higher bitrates so the rise and fall times do not exceed the maximum
0.3 UI.
4. The absolute mean skew between the Clock lane and any Data Lane in the same PHY between any
edges.
5. The absolute skew between any Clock in one PHY and any Data lane in any other PHY between any
edges.
6. Differential skew is defined as the skew between complementary outputs. It is measured as the
absolute time between the two complementary edges at mean VCM point. Note that differential
skew also is related to the VCM_AC spec, which also must not be exceeded.
Figure 46:
Differential Output Voltage for Clock or Data Pairs
Table 32:
SLVS Electrical Timing Specification
Parameter
Symbol
Min
Max
Unit
Notes
Data Rate
1/UI
280
600
Mbps
1
Bitrate Period
tPW
1.43
3.57
ns
1
Max setup time from transmitter
tPRE
0.3
UI
1, 2
Max hold time from transmitter
tPOST
0.3
UI
1, 2
Eye Width
tEYE
0.6
UI
1, 2
Data Total Jitter (pk-pk) @1e-9
tTOTALJIT
0.2
UI
1, 2
Clock Period Jitter (RMS)
tCKJIT
50
ps
2
Clock Cycle-to-Cycle Jitter (RMS)
tCYCJIT
100
ps
2
Rise time (20% - 80%)
tR
150ps
0.25
UI
3
Fall time (20% - 80%)
tF
150ps
0.25
UI
3
Clock duty cycle
DCYC
45
55
%
2
Mean Clock to Data Skew
tCHSKEW
-0.1
0.1
UI
1, 4
PHY-to-PHY Skew
tPHYSKEW
2.1
UI
1, 5
Mean differential skew
tDIFFSKEW
-100
100
ps
6
0V Diff)
VDIFFmax
VDIFFmin
Output Signal is 'Cp - Cn' or 'Dp - Dn'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com