Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 31 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
31
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Slave Mode
Figure 28:
Slave Mode Example Where the Integration Period is Half of the Frame Readout Period
The sensor read pointer will have paused at row 0 while the shutter pointer pauses at row N/2. The extra integration
caused by the slave mode delay will only be seen by rows 0 to N/2. The example below is for a frame readout period of
16.6ms while the integration time is configured to 8.33ms.
When the slave mode becomes active, the sensor will pause both row read and row reset
operations. (Note: The row integration period is defined as the period from row reset to
row read.) The frame-time should therefore be configured so that the slave mode “wait
period” is as short as possible. In the case where the sensor integration time is shorter
than the frame time, the “wait period” will only increase the integration of the rows that
have been reset following the last VD pulse.
The period between slave mode pulses must also be greater than the frame period. If the
rising edge of the VD pulse arrives while the slave mode is inactive, the VD pulse will be
ignored and will wait until the next VD pulse has arrived.
To enter slave mode:
1. While in soft-standby, set R0x30CE[4] = 1 to enter slave mode.
2. Enable the input pins (TRIGGER) by setting R0x301A[8] = 1.
3. Enable streaming by setting R0x301A[2] = 1.
4. Apply sync-pulses to the TRIGGER input.
Inactive
Active
Row 0
Row N
Inactive
Active
Rising
Edge
Rising
Edge
Row Readout
Programmed Integration
Integration due to
Slave Mode Delay
Slave Mode
Trigger
Row Reset
(start of integration)
Frame
Valid
VD Signal
Rising
Edge
Reset operation is
held during slave
mode “Active” state.
Row reset and read
operations begin after
the rising edge of the
Vd signal.
8.33 ms 8.33 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com