Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 37 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
37
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
Embedded Data and Statistics
The AR0141CS has the capability to output image data and statistics embedded within
the frame timing. There are two types of information embedded within the frame
readout.
• Embedded Data:
If enabled, these are displayed on the two rows immediately before the first active
pixel row is displayed.
•Embedded Statistics:
If enabled, these are displayed on the two rows immediately after the last active pixel
row is displayed.
Figure 32:
Frame Format with Embedded Data Lines Enabled
Embedded Data
The embedded data contains the configuration of the image being displayed. This
includes all register settings used to capture the current frame. The registers embedded
in these rows are as follows:
Line 1: Registers R0x3000 to R0x312F
Line 2: Registers R0x3136 to R0x31BF, R0x31D0 to R0x31FF
Note:
All undefined registers will have a value of 0.
In parallel mode, since the pixel word depth is 12 bits/pixel, the sensor 16-bit register
data will be transferred over 2 pixels where the register data will be broken up into 8 MSB
and 8 LSB. The alignment of the 8-bit data will be on the 8 MSB bits of the 12-bit pixel
word. For example, if a register value of 0x1234 is to be transmitted, it will be transmitted
over two, 12-bit pixels as follows: 0x120, 0x340.
Embedded Statistics
The embedded statistics contain frame identifiers and histogram information of the
image in the frame. This can be used by downstream auto-exposure algorithm blocks to
make decisions about exposure adjustment.
Image
Register Data
Status & Statistics Data
HBlank
VBlank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com