| Electronic Components Datasheet Search |
|
AR0141CS Datasheet(PDF) 40 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS Datasheet(HTML) 40 Page - ON Semiconductor |
|
40 / 64 page ![]() AR0141CS/D Rev. 6, 4/16 EN 40 ©Semiconductor Components Industries, LLC, 2016. AR0141CS: 1/4-Inch Digital Image Sensor Two-Wire Serial Register Interface Two-Wire Serial Register Interface The two-wire serial interface bus enables read/write access to control and status regis- ters within the AR0141CS.The interface protocol uses a master/slave model in which a master controls one or more slave devices. The sensor acts as a slave device. The master generates a clock (SCLK) that is an input to the sensor and is used to synchronize trans- fers. Data is transferred between the master and the slave on a bidirectional signal (SDATA). SDATA is pulled up to VDD_IO off-chip by a 1.5k resistor. Either the slave or master device can drive SDATA LOW—the interface protocol determines which device is allowed to drive SDATA at any given time. The protocols described in the two-wire serial interface specification allow the slave device to drive SCLKLOW; the AR0141CS uses SCLK as an input only and therefore never drives it LOW. Protocol Data transfers on the two-wire serial interface bus are performed by a sequence of low- level protocol elements: 1. a (repeated) start condition 2. a slave address/data direction byte 3. an (a no) acknowledge bit 4. a message byte 5. a stop condition The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a start condition, and the bus is released with a stop condition. Only the master can generate the start and stop conditions. Start Condition A start condition is defined as a HIGH-to-LOW transition on SDATA while SCLK is HIGH. At the end of a transfer, the master can generate a start condition without previously generating a stop condition; this is known as a “repeated start” or “restart” condition. Stop Condition A stop condition is defined as a LOW-to-HIGH transition on SDATA while SCLK is HIGH. Data Transfer Data is transferred serially, 8 bits at a time, with the MSB transmitted first. Each byte of data is followed by an acknowledge bit or a no-acknowledge bit. This data transfer mechanism is used for the slave address/data direction byte and for message bytes. One data bit is transferred during each SCLK clock period. SDATA can change when SCLK is LOW and must be stable while SCLK is HIGH. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |