Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 63 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 63 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 56Page - ON Semiconductor AR0141CS Datasheet HTML 57Page - ON Semiconductor AR0141CS Datasheet HTML 58Page - ON Semiconductor AR0141CS Datasheet HTML 59Page - ON Semiconductor AR0141CS Datasheet HTML 60Page - ON Semiconductor AR0141CS Datasheet HTML 61Page - ON Semiconductor AR0141CS Datasheet HTML 62Page - ON Semiconductor AR0141CS Datasheet HTML 63Page - ON Semiconductor AR0141CS Datasheet HTML 64Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
63
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Package Drawings
Package Drawings
Figure 51:
63-Ball iBGA Package (Case 503AH)
Notes:
1. Dimensions are in mm. Dimensions in () are for reference only.
2. Encapsulant: Epoxy.
3. Substrate material: Epoxy laminate 0.25 thickness. Double AR glass.
4. LID MATERIAL: BOROSILICATE GLASS 0.4±0.4MM thickness
Refractive Index at 20C = 1.5255 @ 546 nm and 1.5231 @ 588 nm.
Double Side AR Coating: 530-570nm R<1%; 420-700nm R<2%.
5. Image sensor die: 0.2 thickness.
6. Solder ball material: SAC 305 (95% Sn, 3% Ag, 0.5% Cu).
Dimensions apply to solder balls post reflow.
Pre-reflow ball is 0.5 on a 0.4 SMD ball pad.
IBGA63 9x9
CASE 503AH
ISSUE O
DATE 30 DEC 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com