Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 20 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
20
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Sensor PLL
Parallel PLL Configuration
Figure 19:
PLL for the Parallel Interface
.
The maximum output of the parallel interface is 74.25 MPixel/s. The sensor will not use
the FSERIAL, FSERIAL_CLK, or CLK_OP when configured to use the parallel interface.
Table 6:
PLL Parameters for the Parallel Interface
Parameter
Symbol
Min
Max
Unit
External Clock
EXTCLK
6
50
MHz
VCO Clock
FVCO
384
768
MHz
Output Clock
CLK_OP
74.25
Mpixel/s
Table 7:
Example PLL Configuration for the Parallel Interface
Parameter
Value
Output
FVCO
445.5 MHz (Max)
vt_sys_clk_div
1
vt_pix_clk_div
6
CLK_OP
74.25 MPixel/s (= 445.5 MHz / 6)
Output pixel rate
74.25 MPixel/s
F VCO
CLK_OP
(Max 74.25 Mp/s)
vt_pix_clk_div
6 (4-16)
vt_sys_clk_div
1 (1, 2, 4, 6, 8,
10, 12, 14, 16)
pre_pll_clk_div
2 (1-64)
pll_multiplier
58 (32-384)
EXTCLK
(6-50 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com