Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 38 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 38 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor AR0141CS Datasheet HTML 41Page - ON Semiconductor AR0141CS Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
38
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
This histogram is divided into 244 bins with a bin spacing of 64 evenly spaced bins for
digital code values 0 to 28, 120 evenly spaced bins for values 28 to 212, 60 evenly spaced
bins for values 212 to 216. It is recommended that auto exposure algorithms be developed
using the histogram statistics on line 1.
The first pixel of each line in the embedded statistics is a tag value of 0x0B0. This signi-
fies that all subsequent statistics data is 10 bit data aligned to the MSB of the 12-bit pixel.
Figure 33 summarizes how the embedded statistics transmission looks like. It should be
noted that data, as shown in Figure 33, is aligned to the MSB of each word:
Figure 33:
Format of Embedded Statistics Output within a Frame
The statistics embedded in these rows are as follows:
Line 1:
• 0x0B0 - identifier
• Register 0x303A - frame_count
• Register 0x31D2 - frame ID
• Histogram data - histogram bins 0-243
Line 2:
• 0x0B0 (TAG)
•Mean
• Histogram Begin
•Histogram End
•Low End Histogram Mean
• Percentage of Pixels Below Low End Mean
• Normal Absolute Deviation
{2'b00,frame
_count MSB}
{2'b00,frame
_count LSB}
{2'b00,frame
_ID MSB}
{2'b00,frame
_ID LSB}
histogram
bin0 [19:10]
histogram
bin0 [9:0]
histogram
bin1 [19:0]
histogram
bin1 [9:0]
# words =
10'h1EC
data_format_
code = 8'h0B
histogram
bin243 [19:0]
histogram
bin243 [9:0]
# words =
10'h00C
data_format_
code = 8'h0B
mean
[19:10]
mean
[9:0]
histBegin
[19:10]
histBegin
[9:0]
histEnd
[19:10]
histEnd
[9:0]
lowEndMean
[19:10]
lowEndMean
[9:0]
perc_lowEnd
[19:10]
perc_lowEnd
[9:0]
norm_abs_
dev [19:10]
norm_abs_
dev [9:0]
8'h07
8'h07
8'h07
stats line 1
stats line 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com