Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 34 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 30Page - ON Semiconductor AR0141CS Datasheet HTML 31Page - ON Semiconductor AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
34
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
Changing Sensor Modes
Register Changes
All register writes are delayed by one frame. A register that is written to during the
readout of frame n will not be updated to the new value until the readout of frame n+2.
This includes writes to the sensor gain and integration registers.
Real-Time Context Switching
In the AR0141CS, the user may switch between two full register sets A and B by writing to
a context switch change bit in R0x30B0[13]. When the context switch is configured to
context A the sensor will reference the context A registers. If the context switch is
changed from A to B during the readout of frame n, the sensor will then reference the
context B coarse_integration_time registers in frame n+1 and all other context B registers
at the beginning of reading frame n+2. The sensor will show the same behavior when
changing from context B to context A.
Table 15:
List of Configurable Registers for Context A and Context B
Context A
Context B
Register Description
Address
Register Description
Address
coarse_integration_time
0x3012
coarse_integration_time_cb
0x3016
line_length_pck
0x300C
line_length_pck_cb
0x303E
frame_length_lines
0x300A
frame_length_lines_cb
0x30AA
row_bin
0x3040[12]
row_bin_cb
0x3040[10]
col_bin
0x3040[13]
col_bin_cb
0x3040[11]
fine_gain
0x3060[3:0]
fine_gain_cb
0x3060[11:8]
coarse_gain
0x3060[5:4]
coarse_gain_cb
0x3060[13:12]
x_addr_start
0x3004
x_addr_start_cb
0x308A
y_addr_start
0x3002
y_addr_start_cb
0x308C
x_addr_end
0x3008
x_addr_end_cb
0x308E
y_addr_end
0x3006
y_addr_end_cb
0x3090
y_odd_inc
0x30A6
y_odd_inc_cb
0x30A8
x_odd_inc
0x30A2
x_odd_inc_cb
0x30AE
green1_gain
0x3056
green1_gain_cb
0x30BC
blue_gain
0x3058
blue_gain_cb
0x30BE
red_gain
0x305A
red_gain_cb
0x30C0
green2_gain
0x305C
green2_gain_cb
0x30C2
global_gain
0x305E
global_gain_cb
0x30C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com