Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 36 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 36 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 32Page - ON Semiconductor AR0141CS Datasheet HTML 33Page - ON Semiconductor AR0141CS Datasheet HTML 34Page - ON Semiconductor AR0141CS Datasheet HTML 35Page - ON Semiconductor AR0141CS Datasheet HTML 36Page - ON Semiconductor AR0141CS Datasheet HTML 37Page - ON Semiconductor AR0141CS Datasheet HTML 38Page - ON Semiconductor AR0141CS Datasheet HTML 39Page - ON Semiconductor AR0141CS Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
36
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Changing Sensor Modes
Temperature Sensor
The AR0141CS sensor has a built-in temperature sensor, accessible through registers,
that is capable of measuring die junction temperature.
The temperature sensor can be enabled by writing R0x30B4[0]=1 and R0x30B4[4]=1.
After this, the temperature sensor output value can be read from R0x30B2[9:0].
The value read out from the temperature sensor register is an ADC output value that
needs to be converted downstream to a final temperature value in degrees Celsius. Since
the PTAT device characteristic response is quite linear in the temperature range of oper-
ation required, a simple linear function in the format of the equation below can be used
to convert the ADC output value to the final temperature in degrees Celsius.
(EQ 9)
For this conversion, a minimum of two known points are needed to construct the line
formula by identifying the slope and y-intercept “T0”. These calibration values can be
read from registers R0x30C6 and R0x30C8, which correspond to value read at 105°C and
55°C respectively. Once read, the slope and y-intercept values can be calculated and
used in Equation 9.
For more information on the temperature sensor registers, refer to the AR0141CS
Register Reference.
Temperature
slope R0x30B2 9:0
 T
+
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com