Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 17 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 13Page - ON Semiconductor AR0141CS Datasheet HTML 14Page - ON Semiconductor AR0141CS Datasheet HTML 15Page - ON Semiconductor AR0141CS Datasheet HTML 16Page - ON Semiconductor AR0141CS Datasheet HTML 17Page - ON Semiconductor AR0141CS Datasheet HTML 18Page - ON Semiconductor AR0141CS Datasheet HTML 19Page - ON Semiconductor AR0141CS Datasheet HTML 20Page - ON Semiconductor AR0141CS Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
17
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Pixel Sensitivity
Figure 16:
Row Read and Row Reset Showing Fine Integration
TFINE = fine_integration_time/clk_pix
(EQ 2)
The maximum allowed value for fine_integration_time is
line_length_pck - fine_integration_time_max_margin
(EQ 3)
Figure 17:
Row Integration Time is Greater Than the Frame Readout Time
The minimum frame-time is defined by the number of row periods per frame and the
row period. The sensor frame-time will increase if the coarse_integration_time is set to a
value equal to or greater than the frame_length_lines.
Read Row N
Reset Row K
T FINE = fine_integration _time x (1/CLK_PIX)
Start of Read Row N
and Reset Row K
Start of Read Row N + 1
and Reset Row K + 1
T
ROW = lin e_length _pck x (1/CLK_PIX)
Im age
V ertic al B lank ing
V ertic al B lank ing
S hutter
Pointer
Read
Pointer
Tim e
E x tended V ertic al B lank ing
Im age
4.1 m s
TFRAME = frame_length_lines x TROW
16.6ms = 750 rows x 22.22
μs/row
TCOARSE=coarse_integration_time x TROW
20.7ms = 930 rows x 22.22
μs/row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com