Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0141CS Datasheet(PDF) 25 Page - ON Semiconductor

Part # AR0141CS
Description  1/4-Inch Digital Image Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS Datasheet(HTML) 25 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 21Page - ON Semiconductor AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
AR0141CS/D Rev. 6, 4/16 EN
25
©Semiconductor Components Industries, LLC, 2016.
AR0141CS: 1/4-Inch Digital Image Sensor
Subsampling
Subsampling
The AR0141CS supports subsampling. Subsampling allows the sensor to read out a
smaller set of active pixels by either skipping, binning, or summing pixels within the
readout window.
Figure 23:
Horizontal Binning in the AR0141CS Sensor
Horizontal binning is achieved either in the pixel readout or the digital readout. The
sensor will sample the combined 2x adjacent pixels within the same color plane.
Figure 24:
Vertical Row Binning in the AR0141CS Sensor
Vertical row binning is applied in the pixel readout. Row binning can be configured as 2x
rows within the same color plane.
Pixel skipping can be configured up to 2x in both the x-direction and y-direction. Skip-
ping pixels in the x-direction will not reduce the row time. Skipping pixels in the y-direc-
tion will reduce the number of rows from the sensor effectively reducing the frame time.
Skipping will introduce image artifacts from aliasing.
The sensor increments its x and y address based on the x_odd_inc and y_odd_inc value.
The value indicates the addresses that are skipped after each pair of pixels or rows has
been read.
Table 10:
Available Skip and Bin Modes in the AR0141CS Sensor
Subsampling Method
Horizontal
Vertical
Skipping
2x
2x
Binning
2x
2x
lsb
lsb
lsb
lsb
-
lsb
lsb
e-
e-
e-
e-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com