Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 31 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 31 Page - Micronas

Back Button MSP3410D Datasheet HTML 27Page - Micronas MSP3410D Datasheet HTML 28Page - Micronas MSP3410D Datasheet HTML 29Page - Micronas MSP3410D Datasheet HTML 30Page - Micronas MSP3410D Datasheet HTML 31Page - Micronas MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
31
6.6. Demodulator Read Registers:
Functions and Values
All registers except C_AD_BITS are 8 bits wide. They
can be read out of the RAM of the MSP 34x0D.
All transmissions take place in 16-bit words. The valid
8 bit data are the 8 LSBs of the received data word.
To enable appropriate switching of the channel select
matrix of the baseband processing part, the NICAM or
FM identification parameters must be read and evalu-
ated by the CCU. The FM identification registers are
described in section 7.2. on page 39. To handle the
NICAM sound and to observe the NICAM quality, at
least the registers C_AD_BITS and ERROR_RATE
must be read and evaluated by the CCU. Additional
data bits and CIB bits, if supplied by the NICAM trans-
mitter, can be obtained by reading the registers
ADD_BITS and CIB_BITS.
Observing the presence and quality of NICAM can be
delegated to the MSP 3410D, if the automatic switch-
ing feature (AUTO_FM, section 6.6.1. on page 32) is
applied.
Table 6–13: Result of Autodetection
Result of Autodetect
007Ehex
Code
(Data) hex
Detected TV Sound Standard
Note: After detection, the detected standard is set automatically according to Table 6–3.
>07FF
autodetect still active
0000
no TV sound standard was detected; select sound standard manually
0002
M Dual FM, even if only FM1 is available
0003
B/G Dual FM, even if only FM1 is available
0008
B/G FM NICAM, only if NICAM is available
0009
L_AM NICAM, whenever a 6.5-MHz carrier is detected, even if NICAM is not available.
If also D/K might be possible, a decision has to be made according to the video mode:
Video = SECAM_L
→ no more activities
necessary
Video = SECAM_EAST
CAD_BITS[0] = 0
CAD_BITS[0] = 1
To be set by means of the
short programming mode:
D/K1 or D/K2
(see section 6.6.1.)
D/K-NICAM
(standard 00Bhex)
000A
I-FM-NICAM, even if NICAM is not available
Note: Similar as for the Demodulator Short-Programming, the Autodetection does not affect most of the para-
meters of the DSP section (Audio Baseband Processing): The following exceptions are to be considered:
− identification mode: Autodetection resets and sets the corresponding identification mode
− Prescale FM/AM and FM matrix and Deemphasis FM are undefined after Autodetection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com