Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 44 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 44 Page - Micronas

Back Button MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas MSP3410D Datasheet HTML 44Page - Micronas MSP3410D Datasheet HTML 45Page - Micronas MSP3410D Datasheet HTML 46Page - Micronas MSP3410D Datasheet HTML 47Page - Micronas MSP3410D Datasheet HTML 48Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
44
Micronas
7.3.7. Volume – SCART1 and SCART2 Channel
7.3.8. Channel Source Modes
Volume Mode SCART1
0007hex
[3...0]
Volume Mode SCART2
0040hex
[3...0]
linear
0000
0hex
RESET
logarithmic
0001
1hex
Linear Mode
Volume SCART1
0007hex
H
Volume SCART2
0040hex
H
OFF
0000 0000
00hex
RESET
0dB gain
(digital full scale (FS) to
2VRMS output)
0100 0000
40hex
+6 dB gain (
−6dBFS to
2VRMS output)
0111 1111
7Fhex
Logarithmic Mode
Volume SCART1
0007hex
[15...4]
Volume SCART2
0040hex
[15...4]
+12 dB
0111 1111 0000
7F0hex
+11.875 dB
0111 1110 1110
7EEhex
+0.125 dB
0111 0011 0010
732hex
0 dB
0111 0011 0000
730hex
−0.125 dB
0111 0010 1110
72Ehex
−113.875 dB
0000 0001 0010
012hex
−114 dB
0000 0001 0000
010hex
Mute
0000 0000 0000
000hex
RESET
Loudspeaker Source
0008hex
H
Headphone Source
0009hex
H
SCART1 Source
000Ahex
H
SCART2 Source
0041hex
H
I2S Source
000Bhex
H
Quasi-Peak
Detector Source
000Chex
H
FM/AM
0000 0000
00hex
RESET
NICAM
0000 0001
01hex
none (MSPB/C: SBUS12)
0000 0011
03hex
none (MSPB/C: SBUS34)
0000 0100
04hex
SCART
0000 0010
02hex
I2S1
0000 0101
05hex
I2S2
0000 0110
06hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com