Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 37 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 37 Page - Micronas

Back Button MSP3410D Datasheet HTML 33Page - Micronas MSP3410D Datasheet HTML 34Page - Micronas MSP3410D Datasheet HTML 35Page - Micronas MSP3410D Datasheet HTML 36Page - Micronas MSP3410D Datasheet HTML 37Page - Micronas MSP3410D Datasheet HTML 38Page - Micronas MSP3410D Datasheet HTML 39Page - Micronas MSP3410D Datasheet HTML 40Page - Micronas MSP3410D Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
37
7. Programming the DSP Section (Audio Baseband Processing)
7.1. DSP Write Registers: Table and Addresses
Table 7–1: DSP Write Registers; Subaddress: 12hex; if necessary, these registers are readable as well.
DSP Write Register
Address
High/
Low
Adjustable Range, Operational Modes
Reset Mode
Volume loudspeaker channel
0000hex
H
[+12 dB ...
−114 dB, MUTE]
MUTE
Volume / Mode loudspeaker channel
L
1/8 dB Steps, Reduce Volume / Tone Control
00hex
Balance loudspeaker channel [L/R]
0001hex
H
[0...100 / 100% and vv][
−127 .. 0 / 0 dB and vv]
100% / 100%
Balance Mode loudspeaker
L
[Linear mode / logarithmic mode]
linear mode
Bass loudspeaker channel
0002hex
H
[+20 dB ...
−12 dB]
0 dB
Treble loudspeaker channel
0003hex
H
[+15 dB ...
−12 dB]
0 dB
Loudness loudspeaker channel
0004hex
H
[0 dB ... +17 dB]
0 dB
Loudness Filter Characteristic
L
[NORMAL, SUPER_BASS]
NORMAL
Spatial effect strength loudspeaker ch.
0005hex
H[
−100%...OFF...+100%]
OFF
Spatial effect mode/customize
L
[SBE, SBE+PSE]
SBE+PSE
Volume headphone channel
0006hex
H
[+12 dB ...
−114 dB, MUTE]
MUTE
Volume / Mode headphone channel
L
1/8 dB Steps, Reduce Volume / Tone Control
00hex
Volume / SCART1 channel
0007hex
H[00hex ... 7Fhex],[+12 dB ... −114 dB, MUTE]
00hex
Volume / Mode SCART1 channel
L
[Linear mode / logarithmic mode]
linear mode
Loudspeaker channel source
0008hex
H
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
Loudspeaker channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
Headphone channel source
0009hex
H
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
Headphone channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
SCART1 channel source
000Ahex
H
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
SCART1 channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
I2S channel source
000Bhex
H
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
I2S channel matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
Quasi-peak detector source
000Chex
H
[FM/AM, NICAM, SCART, I2S1, I2S2]
FM/AM
Quasi-peak detector matrix
L
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
Prescale SCART
000Dhex
H[00hex ... 7Fhex]00hex
Prescale FM/AM
000Ehex
H[00hex ... 7Fhex]00hex
FM matrix
L
[NO_MAT, GSTEREO, KSTEREO]
NO_MAT
Deemphasis FM
000Fhex
H[50
µs, 75 µs, J17, OFF]
50
µs
Adaptive Deemphasis FM
L
[OFF, WP1]
OFF
Prescale NICAM
0010hex
H[00hex ... 7Fhex]00hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com