Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 22 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 22 Page - Micronas

Back Button MSP3410D Datasheet HTML 18Page - Micronas MSP3410D Datasheet HTML 19Page - Micronas MSP3410D Datasheet HTML 20Page - Micronas MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas MSP3410D Datasheet HTML 23Page - Micronas MSP3410D Datasheet HTML 24Page - Micronas MSP3410D Datasheet HTML 25Page - Micronas MSP3410D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
22
Micronas
6.2. Demodulator Write Registers: Table and Addresses
6.3. Demodulator Read Registers: Table and Addresses
Table 6–1: Demodulator Write Registers; Subaddress: 10hex; these registers are not readable!
Demodulator
Write Registers
Address
(hex)
Function
Demodulator
Short-
Programming
0020
Write into this register to apply Demodulator Short Programming (see sec-
tion 6.4.1. on page 23). If the internal setting coincidences with the individ-
ual requirements no more of the remaining Demodulator Write Registers
have to be transferred.
AUTO_FM/AM
0021
Only for NICAM: Automatic switching between NICAM and FM/AM in case
of bad NICAM reception (see section 6.4.2. on page 24)
Write Registers necessary for General Programming Mode only
AD_CV
00BB
input selection, configuration of AGC, Mute Function and selection of
A/D converter, FM Carrier Mute on/off
MODE_REG
0083
mode register
FIR1
FIR2
0001
0005
filter coefficients channel 1 (6
× 8 bit)
filter coefficients channel 2 (6
× 8 bit), + 3 × 8 bit offset (total 72 bits)
DCO1_LO
DCO1_HI
DCO2_LO
DCO2_HI
0093
009B
00A3
00AB
increment channel 1 low part
increment channel 1 high part
increment channel 2 low part
increment channel 2 high part
PLL_CAPS
001F
switchable PLL capacitors to tune open-loop frequency; to use only if
NICAM of MODE_REG = 0 ; normally not of interest for the customer
Table 6–2: Demodulator Read Registers; Subaddress: 11hex; these registers are not writable!
Demodulator
Read Registers
Address
(hex)
Function
Result of
Autodetection
007E
(see Table 6–13)
C_AD_BITS
0023
NICAM Sync bit, NICAM C bits, and three LSBs of additional data bits
ADD_BITS
0038
NICAM: bit [10:3] of additional data bits
CIB_BITS
003E
NICAM: CIB1 and CIB2 control bits
ERROR_RATE
0057
NICAM error rate, updated with 182 ms
CONC_CT
0058
only to be used in MSPB compatibility mode
FAWCT_IST
0025
only to be used in MSPB compatibility mode
PLL_CAPS
021F
Not for customer use.
AGC_GAIN
021E
Not for customer use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com