Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 29 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 29 Page - Micronas

Back Button MSP3410D Datasheet HTML 25Page - Micronas MSP3410D Datasheet HTML 26Page - Micronas MSP3410D Datasheet HTML 27Page - Micronas MSP3410D Datasheet HTML 28Page - Micronas MSP3410D Datasheet HTML 29Page - Micronas MSP3410D Datasheet HTML 30Page - Micronas MSP3410D Datasheet HTML 31Page - Micronas MSP3410D Datasheet HTML 32Page - Micronas MSP3410D Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
29
Table 6–11: 8-bit FIR coefficients (decimal integer) for MSP 34x0D (reset status: all coefficients are “0”)
Coefficients for FIR1 0001hex and FIR2 0005hex
Terrestrial TV Standards
B/G-, D/K-
NICAM-FM
I-
NICAM-FM
L-
NICAM-AM
B/G-, D/K-,
M-Dual FM
130
kHz
180
kHz
200
kHz
280
kHz
380
kHz
500
kHz
Auto-
search
Coef(i)
FIR1
FIR2
FIR1
FIR2
FIR1
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
0
−2
323
−2
−43
73
9
3
−8
−1
−1
−1
1
−818
4
18
−8
−12
18
53
18
18
−8
−9
−1
−1
2
−10
27
−627
−10
−927
64
28
27
4
−16
−8
−8
3
10
48
−4
48
10
23
48
119
47
48
36
5
2
2
4
50
66
40
66
50
79
66
101
55
66
78
65
59
59
5
86
72
94
72
86
126
72
127
64
72
107
123
126
126
Mode-
REG[12]
0
0
0
0
1111
11
0
Mode-
REG[13]
0
0
0
1
1111
11
0
For compatibility, except for the FIR2 AM and the autosearch sets, the FIR filter programming as used for the MSP 3410B is also possible.
ADR coefficients are listed in the DRP data sheet.
B
FM Satellite
FIR filter corresponds to a
band-pass with a band-
width of B = 130 to 500 kHz
fc
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com