Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 64 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 64 Page - Micronas

Back Button MSP3410D Datasheet HTML 60Page - Micronas MSP3410D Datasheet HTML 61Page - Micronas MSP3410D Datasheet HTML 62Page - Micronas MSP3410D Datasheet HTML 63Page - Micronas MSP3410D Datasheet HTML 64Page - Micronas MSP3410D Datasheet HTML 65Page - Micronas MSP3410D Datasheet HTML 66Page - Micronas MSP3410D Datasheet HTML 67Page - Micronas MSP3410D Datasheet HTML 68Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
64
Micronas
9.4. Pin Circuits (pin numbers refer to PLCC68 package)
Fig. 9–11: Output Pins 1, 3, 5, 13, 14, and 68
(ADR_WS, ADR_CL, ADR_DA, I2S_DA_OUT,
D_CTR_OUT0/1)
Fig. 9–12: Input/Output Pins 8 and 9
(I2C_DA, I2C_CL)
Fig. 9–13: Input Pins 4, 11, 12, 61, 62, and 65
(STANDBYQ, ADR_SEL, RESETQ, TESTEN,
I2S_DA_IN1, I2S_DA_IN2)
Fig. 9–14: Input/Output Pins 6 and 7
(I2S_WS, I2S_CL)
Fig. 9–15: Output/Input Pins 18, 20, and 21
(AUD_CL_OUT, XTALIN/OUT)
Fig. 9–16: Input Pins 23-25, and 29
(ANA_IN2+, ANA_IN-, ANA_IN1+, VREFTOP)
Fig. 9–17: Capacitor Pins 44 and 46
(CAPL_M, CAPL_A)
Fig. 9–18: Input Pin 28 (MONO_IN)
DVSUP
P
N
GND
N
GND
DVSUP
P
N
GND
3
−30 pF
2.5 V
500 k
3
−30 pF
P
N
D
A
ANAIN1+
VREFTOP
ANAIN
−
ANAIN2+
0...2 V
≈ 3.75 V
24 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com