Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 76 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 76 Page - Micronas

Back Button MSP3410D Datasheet HTML 72Page - Micronas MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas MSP3410D Datasheet HTML 75Page - Micronas MSP3410D Datasheet HTML 76Page - Micronas MSP3410D Datasheet HTML 77Page - Micronas MSP3410D Datasheet HTML 78Page - Micronas MSP3410D Datasheet HTML 79Page - Micronas MSP3410D Datasheet HTML 80Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
76
Micronas
RIFIN
Input Impedance
ANA_IN1+,
ANA_IN2+,
ANA_IN
−
1.5
6.8
2
9.1
2.5
11.4
k
Ω
k
Ω
Gain AGC = 20 dB
Gain AGC = 3 dB
DCVREFTOP
DC voltage at VREFTOP
MSP 34x0D version A1 to B4
MSP 34x0D version C5 and later
VREFTOP
2.4
2.56
2.6
2.66
2.7
2.76
V
V
DCANA_IN
DC voltage on IF inputs
ANA_IN1+,
ANA_IN2+,
ANA_IN
−
1.3
1.5
1.7
V
XTALKIF
Crosstalk attenuation
ANA_IN1+,
ANA_IN2+,
ANA_IN
−
40
dB
fsignal = 1 MHz
Input Level =
−2dBr
BWIF
3 dB Bandwidth
10
MHz
AGC
AGC Step Width
0.85
dB
dVFMOUT
Tolerance of output voltage
of FM demodulated signal
DACp_s1),
SCn_OUT_s1)
−1.5
+1.5
dB
1 FM-carrier, 50
µs, 1 kHz,
40 kHz deviation; RMS
dVNICAMOUT
Tolerance of output voltage
of NICAM baseband signal
DACp_s1),
SCn_OUT_s1)
−1.5
+1.5
dB
2.12 kHz, Modulator input
level = 0 dBref
fRFM
FM Frequency Response on Main/
AUX/SCART Outputs,
Bandwidth 20 to 15000 Hz
DACp_s1),
SCn_OUT_s1)
−1.0
+1.0
dB
1 FM-carrier 5.5 MHz,
50
µs, Modulator input
level =
−14.6 dBref; RMS
fRNICAM
NICAM Frequency Response on
Main/AUX/SCART Outputs,
Bandwidth 20 to 15000 Hz
DACp_s1),
SCn_OUT_s1)
−1.0
+1.0
dB
Modulator input
level =
−12 dB dBref; RMS
SEPFM
FM Channel Separation (Stereo)
DACp_s1),
SCn_OUT_s1)
50
dB
2 FM-carriers
5.5/5.74 MHz, 50
µs,
1 kHz, 40 kHz deviation;
RMS
SEPNICAM
NICAM Channel Separation
(Stereo)
DACp_s1),
SCn_OUT_s1)
80
dB
XTALKFM
FM Crosstalk Attenuation (Dual)
DACp_s1),
SCn_OUT_s1)
80
dB
2 FM-carriers
5.5/5.74 MHz, 50
µs,
1 kHz, 40 kHz deviation;
RMS
XTALKNICAM
NICAM Crosstalk Attenuation
(Dual)
DACp_s1),
SCn_OUT_s1)
80
dB
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com