Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 71 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 71 Page - Micronas

Back Button MSP3410D Datasheet HTML 67Page - Micronas MSP3410D Datasheet HTML 68Page - Micronas MSP3410D Datasheet HTML 69Page - Micronas MSP3410D Datasheet HTML 70Page - Micronas MSP3410D Datasheet HTML 71Page - Micronas MSP3410D Datasheet HTML 72Page - Micronas MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas MSP3410D Datasheet HTML 75Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
71
9.5.3. Characteristics
at TA = 0 to 70 °C, fCLOCK = 18.432 MHz, VSUP1 = 7.6 to 8.7 V, VSUP2 = 4.75 to 5.25 V for min./max. values
at TA = 60 °C, fCLOCK = 18.432 MHz, VSUP1 = 8 V, VSUP2 = 5 V for typical values, TJ = Junction Temperature
MAIN (M) = Loudspeaker Channel, AUX (A) = Headphone Channel
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
fCLOCK
Clock Input Frequency
XTAL_IN
18.432
MHz
DCLOCK
Clock High to Low Ratio
45
55
%
tJITTER
Clock Jitter (verification not
provided in production test)
50
ps
VxtalDC
DC-Voltage Oscillator
2.5
V
tStartup
Oscillator Start-up Time at
VDD Slew-rate of 1 V/1 µs
XTAL_IN,
XTAL_OUT
0.4
2
ms
ISUP1A
First Supply Current (active)
Analog Volume for Main and Aux at 0 dB
Analog Volume for Main and Aux at
−30 dB
AHVSUP
9.6
6.3
17.1
11.2
24.6
16.1
mA
mA
ISUP1S
First Supply Current
(standby mode) at Tj = 27 °C
3.5
5.6
7.7
mA
STANDBYQ = low
ISUP2A
Second Supply Current (active)
MSP 34x0D version A1 to B4
MSP 34x0D version C5 and later
DVSUP
86
50
95
70
110
85
mA
mA
ISUP3A
Third Supply Current (active)
MSP 34x0D version A1 to B4
MSP 34x0D version C5 and later
AVSUP
15
20
25
35
35
45
mA
mA
VACLKAC
Audio Clock Output AC Voltage
AUD_CL_OUT
1.2
1.8
Vpp
load = 40 pF
VACLKDC
Audio Clock Output DC Voltage
0.4
0.6
VSUP3
Imax = 0.2 mA
routHF_ACL
HF Output Resistance
140
Ω
aACL
Open Circuit Gain
AUD_CL_OUT,
XTAL_OUT
0.5
Digital Control Outputs
VDCTROL
Digital Output Low Voltage
D_CTR_OUT0,
D_CTR_OUT1
0.4
V
IDCTR = 1 mA
VDCTROH
Digital Output High Voltage
4.0
V
IDCTR = −1 mA
I2C-Bus
VI2COL
I2C-Data Output Low Voltage
I2C_DA
0.4
V
II2COL = 3 mA
II2COH
I2C-Data Output High Current
1.0
µAV
I2COH = 5 V
tI2COL1
I2C-Data Output Hold Time
after Falling Edge of Clock
I2C_DA,
I2C_CL
15
ns
tI2COL2
I2C-Data Output Setup Time
before Rising Edge of Clock
100
ns
fI2C = 1 MHz
I2S-Bus
VI2SOL
I2S-Output Low Voltage
I2S_WS,
I2S_CL,
I2S_DA_OUT
0.4
V
II2SOL = 1 mA
VI2SOH
I2S-Output High Voltage
4.0
V
II2SOH = −1 mA
fI2SCL
I2S-Clock Output Frequency
I2S_CL
1024
kHz
NICAM-PLL closed
fI2SWS
I2S-Word Strobe Output Frequency
I2S_WS
32.0
kHz
NICAM-PLL closed
tI2S1/I2S2
I2S-Clock High/Low-Ratio
I2S_CL
0.9
1.0
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com