Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 46 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 46 Page - Micronas

Back Button MSP3410D Datasheet HTML 42Page - Micronas MSP3410D Datasheet HTML 43Page - Micronas MSP3410D Datasheet HTML 44Page - Micronas MSP3410D Datasheet HTML 45Page - Micronas MSP3410D Datasheet HTML 46Page - Micronas MSP3410D Datasheet HTML 47Page - Micronas MSP3410D Datasheet HTML 48Page - Micronas MSP3410D Datasheet HTML 49Page - Micronas MSP3410D Datasheet HTML 50Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
MSP 34x0D
PRELIMINARY DATA SHEET
46
Micronas
7.3.11. FM/AM Prescale
For the High Deviation Mode, the FM prescaling val-
ues can be used in the range from 14hex to 30hex.
Please consider the internal reduction of 6 dB for this
mode. The FIR-bandwidth should be selected to
500 kHz.
1) Given deviations will result in internal digital full-
scale signals. Appropriate clipping headroom has to be
set by the customer. This can be done by decreasing
the listed values by a specific factor.
2) In the mentioned SIF-level range, the AM-output
level remains stable and independent of the actual
SIF-level. In this case, only the AM degree of audio
signals above 40 Hz determines the AM-output level.
7.3.12. FM Matrix Modes (see also Table 4–1)
NO_MATRIX is used for terrestrial mono or satellite
stereo sound. GSTEREO dematrixes [(L+R)/2, R] to
[L, R] and is used for German dual carrier stereo sys-
tem (Standard B/G). KSTEREO dematrixes [(L+R)/2,
(L
−R)/2] to [L, R] and is used for the Korean dual car-
rier stereo system (Standard M).
7.3.13. FM Fixed Deemphasis
7.3.14. FM Adaptive Deemphasis
Volume Prescale FM
(Normal FM Mode)
000Ehex
H
OFF
0000 0000
00hex
RESET
Maximum Volume
(28 kHz deviation 1)
recommended FIR-
bandwidth: 130 kHz)
0111 1111
7Fhex
Deviation 50 kHz1)
recommended FIR-
bandwidth: 200 kHz
0100 1000
48hex
Deviation 75 kHz1)
recommended FIR-
bandwidth: 200 or
280 kHz
0011 0000
30hex
Deviation 150 kHz1)
recommended FIR-
bandwidth: 380 kHz
0001 1000
18hex
Maximum deviation
192 kHz1)
recommended FIR-
bandwidth: 380 kHz
0001 0011
13hex
Prescale for adaptive
deemphasis WP1
recommended FIR-
bandwidth: 130 kHz
0001 0000
10hex
Volume Prescale FM
(High Deviation Mode)
000Ehex
H
OFF
0000 0000
00hex
RESET
Deviation 150 kHz1)
recommended FIR-
bandwidth: 380 kHz
0011 0000
30hex
Maximum deviation
384 kHz1)
recommended FIR-
bandwidth: 500 kHz
0001 0100
14hex
Volume Prescale AM
000Ehex
H
OFF
0000 0000
00hex
RESET
SIF input level:
0.1 Vpp − 0.8 Vpp
1) 2)
0.8 Vpp − 1.4 Vpp
1)
0111 1100
7Chex
<7Chex
Note: For AM, the bit MODE_REG[15] must be 1
FM Matrix
000Ehex
L
NO MATRIX
0000 0000
00hex
RESET
GSTEREO
0000 0001
01hex
KSTEREO
0000 0010
02hex
Deemphasis FM
000Fhex
H
50
µs
0000 0000
00hex
RESET
75
µs
0000 0001
01hex
J17
0000 0100
04hex
OFF
0011 1111
3Fhex
FM Adaptive
Deemphasis WP1
000Fhex
L
OFF
0000 0000
00hex
RESET
WP1
0011 1111
3Fhex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com