Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 82 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 82 Page - Micronas

Back Button MSP3410D Datasheet HTML 75Page - Micronas MSP3410D Datasheet HTML 76Page - Micronas MSP3410D Datasheet HTML 77Page - Micronas MSP3410D Datasheet HTML 78Page - Micronas MSP3410D Datasheet HTML 79Page - Micronas MSP3410D Datasheet HTML 80Page - Micronas MSP3410D Datasheet HTML 81Page - Micronas MSP3410D Datasheet HTML 82Page - Micronas MSP3410D Datasheet HTML 83Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 82 / 83 page
background image
Micronas
Compatibility Differences between 0.5/0.45µ and 0.8µ MSPD Devices
B4
A2
A1
0.8µ
0.5µ
0.45µ
0.8µ
0.5µ
0.45µ
0.8µ
0.5µ
0.45µ
67, 6B, 6G
8C and 94
G1, G4
H1, H3
6C, 6D
8D
G2, G5
H2, H4
6E, 6F
8F
G3, G6,
H5
Feature
Documented in
Datasheet Reference
General Hardware
Power Consumption
Datasheet
910 mW
640 mW
600 mW
910 mW
640 mW
600 mW
910 mW
640 mW
600 mW
Total Electromagnetic Radiation (EMR)
-
-
-
VAGNDC0 typical
Datasheet
3.73 V
3.73 V
3.73 V
DCVREFTOP typical
Datasheet
2.6 V
2.6 V
2.6 V
Maximum Vsup1
Datasheet
8.4 V
8.4 V
8.4 V
Digital Input Pin characteristics
(I2S_IN1/2, I2S_WS/CL, StANDBYQ)
Datasheet
-
-
-
Demodulator
Carrier Mute
-
-
-
AM-Frequency Response
-
-
-
Automatic Standard Detection
-
-
-
Baseband Processing
J17-Deemphasis for FM-Input channels
Datasheet
Supplement
available
available
available
I
2S-Bus
Datasheet
not available
Frequency response of 50/75µs Deemphasis
-
-
-
DC_Level (DSP-Reg.: 1Bhex/1Chex )
-
-
-
Technology
Mask Iteration Code
MSP 3407D, MSP 3417D Edit Jan. 2000
2.66 V
2.66 V
3.77 V
3.77 V
less
due to less Power Consumption
B3
B2
MSP 3417D / MSP 3407D
MSP-Type
Version Code
MSP 3415D / MSP 3405D
MSP 3410D / MSP 3400D
more flat
more flat
more flat
Level increased by
appr. 15%
1*)
Level increased by
appr. 15%
1*)
Level increased by
appr. 15%
1*)
not available
(75µs instead of J17)
not available
(75µs instead of J17)
available
available
not available
more flat
faster, more stable and with mute-
function
faster, more stable and with mute-
function
faster, more stable and with mute-
function
modified specifications
(see datasheet)
slightly slower, but more stable:
64ms mute, 500 ms demute
slightly slower, but more stable:
64ms mute, 500 ms demute
slightly slower, but more stable:
64ms mute, 500 ms demute
modified specifications
(see datasheet)
modified specifications
(see datasheet)
less
due to less Power Consumption
8.7 V
8.7 V
less
due to less Power Consumption
3.77 V
2.66 V
8.7 V
MSP 3400D, MSP 3410D Edit. May 1999
C5
MSP 3405D, MSP 3415D Edit Oct. 1999
more flat
more flat
not available
(75µs instead of J17)
Date: 11.10.00
Page 1 of 2 Pages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com