Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 25 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 25 Page - Micronas

Back Button MSP3410D Datasheet HTML 21Page - Micronas MSP3410D Datasheet HTML 22Page - Micronas MSP3410D Datasheet HTML 23Page - Micronas MSP3410D Datasheet HTML 24Page - Micronas MSP3410D Datasheet HTML 25Page - Micronas MSP3410D Datasheet HTML 26Page - Micronas MSP3410D Datasheet HTML 27Page - Micronas MSP3410D Datasheet HTML 28Page - Micronas MSP3410D Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
25
6.5. Demodulator Write Registers for the General Programming Mode: Functions and Values
6.5.1. Register ‘AD_CV’
Table 6–5: AD_CV Register (reset status: all bits are “0”)
AD_CV 00BBhex
Set by Short-Programming
Bit
Meaning
Settings
AD_CV-FM
AD_CV-AM
AD_CV [0]
not used
must be set to 0
0
0
AD_CV [6...1]
Reference level in case of Auto-
matic Gain Control = on (see Table
6–6). Constant gain factor when
Automatic Gain Control = off
(see Table 6–7)
101000
100011
AD_CV [7]
Determination of Automatic Gain or
Constant Gain
0 = constant gain
1 = automatic gain
11
AD_CV [8]
Selection of Sound IF source
0 = ANA_IN1+
1 = ANA_IN2+
not affected
not affected
AD_CV [9]
MSP Carrier Mute Function
(Must be switched off in
High Deviation Mode)
0 = off: no mute
1 = on: mute as de-
scribed in section 4.1.8.
on page 12
10
AD_CV [15
...10]
not used
must be set to 0
000000
000000
Table 6–6: Reference values for active AGC (AD_CV[7] = 1)
Application
Input Signal Contains
AD_CV [6...1]
Ref. Value
AD_CV [6...1]
(dec)
Range of Input Signal
at pin ANA_IN1+
and ANA_IN2+
Terrestrial TV
Dual-Carr. FM
NICAM/FM
NICAM/AM
NICAM only
2 FM Carriers
1 FM and 1 NICAM Carrier
1 AM and 1 NICAM Carrier
1 NICAM Carrier only
101000
101000
100011
010100
40
40
35
20
0.10
− 3V
pp
1)
0.10
− 3V
pp
1)
0.10
− 1.4 V
pp
recommended:
0.10
− 0.8 V
pp
0.05
− 1.0 V
pp
SAT
1 or more
FM Carriers
100011
35
0.10
− 3V
pp
1)
ADR
FM a. ADR carriers
see DRP 3510A data sheet
1) For signals above 1.4 V
pp, the minimum gain of 3 dB is switched and overflow of the A/D converter may result.
Due to the robustness of the internal processing, the IC works up to and even more than 3 Vpp, if norm conditions
of FM/NICAM or FM1/FM2 ratio are supposed. In this overflow case, a loss of FM S/N ratio of about 10 dB may
appear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com