Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP3410D Datasheet(PDF) 77 Page - Micronas

Part # MSP3410D
Description  Multistandard Sound Processors
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3410D Datasheet(HTML) 77 Page - Micronas

Back Button MSP3410D Datasheet HTML 73Page - Micronas MSP3410D Datasheet HTML 74Page - Micronas MSP3410D Datasheet HTML 75Page - Micronas MSP3410D Datasheet HTML 76Page - Micronas MSP3410D Datasheet HTML 77Page - Micronas MSP3410D Datasheet HTML 78Page - Micronas MSP3410D Datasheet HTML 79Page - Micronas MSP3410D Datasheet HTML 80Page - Micronas MSP3410D Datasheet HTML 81Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 83 page
background image
PRELIMINARY DATA SHEET
MSP 34x0D
Micronas
77
10. Application Circuit
SC1_OUT_L (37) 47
SC1_OUT_R (36) 48
SC2_OUT_L (34) 50
SC2_OUT_R (33) 51
5 V
5 V
8.0 V
5 V
5 V
ResetQ
(from CCU,
see section.
5.3. )
MSP 34x0D
D_CTR_OUT0 (5) 13
D_CTR_OUT1 (4) 14
AUD_CL_OUT (1) 18
TESTEN (61) 22
+
100
Ω
100
Ω
100
Ω
100
Ω
22
µF
22
µF
22
µF
22
µF
+
+
+
DACA_R (25) 60
1 nF
1 nF
1 nF
1 nF
1 nF
DACA_L (26) 59
DACM_SUB (31) 54
DACM_R (28) 57
DACM_L (29) 56
1
µF
1
µF
1
µF
1
µF
1
µF
Headphones
Loudspeaker
Tuner 1
Tuner 2
IF2 IN
Signal GND
IF1 IN
56 pF
56 pF
56 pF
+
3.3
µF
100
nF
100
nF
10
µF
+
-
if ANA_IN2+ not used
+8.0 V
+
+
10
µF 10 µF
28 (55) MONO_IN
31 (52) SC1_IN_L
30 (53) SC1_IN_R
32 (51) ASG1
34 (49) SC2_IN_L
33 (50) SC2_IN_R
35 (48) ASG2
37 (46) SC3_IN_L
36 (47) SC3_IN_R
38 (45) ASG4
40 (43) SC4_IN_L
39 (44) SC4_IN_R
11 (7) STANDBYQ
12 (6) ADR_SEL
8 (10) I2C_DA
9 (9) I2C_CL
1 (16) ADR_WS
68 (17) ADR_CL
3 (15) ADR_DA
6 (12) I2S_WS
7 (11) I2S_CL
4 (14) I2S_DA_IN1
65 (20) I2S_DA_IN2
5 (13) I2S_DA_OUT
100
nF
100
nF
100
nF
Alternative circuit for
ANA_IN1/2+ for more
attenuation of video
100 p
56 p
1 k
Ω
ANA_IN1/2+
AHVSS
AHVSS
AHVSS
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
330 nF
DVSS
DVSS
AVSS
components:
C see section 9.5.2.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com