Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 28Page - Microchip Technology LAN9115 Datasheet HTML 29Page - Microchip Technology LAN9115 Datasheet HTML 30Page - Microchip Technology LAN9115 Datasheet HTML 31Page - Microchip Technology LAN9115 Datasheet HTML 32Page - Microchip Technology LAN9115 Datasheet HTML 33Page - Microchip Technology LAN9115 Datasheet HTML 34Page - Microchip Technology LAN9115 Datasheet HTML 35Page - Microchip Technology LAN9115 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
LAN9115
DS00002269A-page 32
 2005-2016 Microchip Technology Inc.
3.10.3
INTERNAL PHY POWER-DOWN MODES
There are 2 power-down modes for the internal Phy:
3.10.3.1
General Power-Down
This power-down is controlled by register 0, bit 11. In this mode the internal PHY, except the management interface, is
powered-down and stays in that condition as long as Phy register bit 0.11 is HIGH. When bit 0.11 is cleared, the PHY
powers up and is automatically reset. Please refer to Section 5.5.1, "Basic Control Register," on page 88 for additional
information on this register.
3.10.3.2
Energy Detect Power-Down
This power-down mode is activated by setting the Phy register bit 17.13 to 1. Please refer to Section 5.5.8, "Mode Con-
trol/Status," on page 92 for additional information on this register. In this mode when no energy is present on the line,
the PHY is powered down, with th exception of the management interface, the SQUELCH circuit and the ENERGYON
logic. The ENERGYON logic is used to detect the presence of valid energy from 100Base-TX, 10Base-T, or Auto-nego-
tiation signals
In this mode, when the ENERGYON signal is low, the PHY is powered-down, and nothing is transmitted. When energy
is received - link pulses or packets - the ENERGYON signal goes high, and the PHY powers-up. It automatically resets
itself into the state it had prior to power-down, and asserts the INT7.1 bit of the register defined in Section 5.5.11, "Inter-
rupt Source Flag," on page 93. If the ENERGYON interrupt is enabled, this event will cause an interrupt to the host. The
first and possibly the second packet to activate ENERGYON may be lost.
When 17.13 is low, energy detect power-down is disabled.
3.11
Detailed Reset Description
The LAN9115 has five reset sources:
• Power-On Reset (POR)
• Hardware Reset Input Pin (nRESET)
FIGURE 3-11:
PME AND PME_INT SIGNAL GENERATION
PME
ED_EN
WOL_EN
50ms
PME_EN
PME_IND
PME_POL
PME_TYPE
LOGIC
WUEN
MPEN
phy_int
WUPS
WUPS
WUFR
MPR
Denotes a level-triggered "sticky" status bit
PME_INT_EN
PME_INT
IRQ_EN
IRQ
Other System
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com