Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 53Page - Microchip Technology LAN9115 Datasheet HTML 54Page - Microchip Technology LAN9115 Datasheet HTML 55Page - Microchip Technology LAN9115 Datasheet HTML 56Page - Microchip Technology LAN9115 Datasheet HTML 57Page - Microchip Technology LAN9115 Datasheet HTML 58Page - Microchip Technology LAN9115 Datasheet HTML 59Page - Microchip Technology LAN9115 Datasheet HTML 60Page - Microchip Technology LAN9115 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 57
LAN9115
4.7.1
RE-STARTING AUTO-NEGOTIATION
Auto-negotiation can be re-started at any time by setting register 0, bit 9. Auto-negotiation will also re-start if the link is
broken at any time. A broken link is caused by signal loss. This may occur because of a cable break, or because of an
interruption in the signal transmitted by the Link Partner. Auto-negotiation resumes in an attempt to determine the new
link configuration.
If the management entity re-starts Auto-negotiation by writing to bit 9 of the control register, the LAN9115 will respond
by stopping all transmission/receiving operations. Once the break_link_timer is done, in the Auto-negotiation state-
machine (approximately 1200ms) the auto-negotiation will re-start. The Link Partner will have also dropped the link due
to lack of a received signal, so it too will resume auto-negotiation.
4.7.2
DISABLING AUTO-NEGOTIATION
Auto-negotiation can be disabled by setting register 0, bit 12 to zero. The device will then force its speed of operation
to reflect the information in register 0, bit 13 (speed) and register 0, bit 8 (duplex). The speed and duplex bits in register
0 should be ignored when auto-negotiation is enabled.
4.7.3
HALF VS. FULL-DUPLEX
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the carrier sense signal, CRS, responds to both transmit and receive activity. In
this mode, If data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, CRS responds only to
receive activity. The CSMA/CD protocol does not apply and collision detection is disabled. Table 4-2 describes the
behavior of the CRS bit under all receive/transmit conditions.
Note 4-1
The LAN9115 10/100 PHY CRS signal operates in two modes: Active and Low. When in Active mode,
CRS will transition high and low upon line activity, where a high value indicates a carrier has been
detected. In Low mode, CRS stays low and does not indicate carrier detection. The CRS signal
cannot be used as a verification method of transmitted packets when transmitting in 10 or 100 Mbps
in full-duplex mode.
TABLE 4-2:
CRS BEHAVIOR
Mode
Speed
Duplex
Activity
CRS Behavior
(Note 4-1)
Manual
10 Mbps
Half-Duplex
Transmitting
Active
Manual
10 Mbps
Half-Duplex
Receiving
Active
Manual
10 Mbps
Full-Duplex
Transmitting
Low
Manual
10 Mbps
Full-Duplex
Receiving
Active
Manual
100 Mbps
Half-Duplex
Transmitting
Active
Manual
100 Mbps
Half-Duplex
Receiving
Active
Manual
100 Mbps
Full-Duplex
Transmitting
Low
Manual
100 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
10 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
100 Mbps
Full-Duplex
Receiving
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com