Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 86 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 86 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 82Page - Microchip Technology LAN9115 Datasheet HTML 83Page - Microchip Technology LAN9115 Datasheet HTML 84Page - Microchip Technology LAN9115 Datasheet HTML 85Page - Microchip Technology LAN9115 Datasheet HTML 86Page - Microchip Technology LAN9115 Datasheet HTML 87Page - Microchip Technology LAN9115 Datasheet HTML 88Page - Microchip Technology LAN9115 Datasheet HTML 89Page - Microchip Technology LAN9115 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 114 page
background image
LAN9115
DS00002269A-page 86
 2005-2016 Microchip Technology Inc.
5.4.9
VLAN1—VLAN1 TAG REGISTER
This register contains the VLAN tag field to identify VLAN1 frames. For VLAN frames the legal frame length is increased
from 1518 bytes to 1522 bytes.
5.4.10
VLAN2—VLAN2 TAG REGISTER
This register contains the VLAN tag field to identify VLAN2 frames. For VLAN frames the legal frame length is increased
from 1518 bytes to 1522 bytes.
0
Flow Control Busy (FCBSY). This bit is set high whenever a pause frame or back pressure is being
transmitted. This bit should read logical 0 before writing to the Flow Control (FLOW) register. During
a transfer of Control Frame, this bit continues to be set, signifying that a frame transmission is in
progress. After the PAUSE control frame’s transmission is complete, the MAC resets to 0.
Note:
• When writing this register the FCBSY bit must always be zero.
• Applications must always write a zero to this bit
Offset:
9
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-16
Reserved
15-0
VLAN1 Tag Identifier (VTI1). This contains the VLAN Tag field to identify the VLAN1 frames. This
field is compared with the 13th and 14th bytes of the incoming frames for VLAN1 frame detection.
If used, this register must be set to 0x8100.
Offset:
A
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-16
Reserved
15-0
VLAN2 Tag Identifier (VTI2). This contains the VLAN Tag field to identify the VLAN2 frames. This
field is compared with the 13th and 14th bytes of the incoming frames for VLAN2 frame detection.If
used, this register must be set to 0x8100.
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com