Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 69Page - Microchip Technology LAN9115 Datasheet HTML 70Page - Microchip Technology LAN9115 Datasheet HTML 71Page - Microchip Technology LAN9115 Datasheet HTML 72Page - Microchip Technology LAN9115 Datasheet HTML 73Page - Microchip Technology LAN9115 Datasheet HTML 74Page - Microchip Technology LAN9115 Datasheet HTML 75Page - Microchip Technology LAN9115 Datasheet HTML 76Page - Microchip Technology LAN9115 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 73
LAN9115
5.3.15
GPT_CFG-GENERAL PURPOSE TIMER CONFIGURATION REGISTER
This register configures the General Purpose timer. The GP Timer can be configured to generate host interrupts at inter-
vals defined in this register.
10:8
GPIO Direction 0-2 (GPDIRn). When set, enables the corresponding GPIO as
output. When cleared the GPIO is enabled as an input.
GPIO0 – bit 8
GPIO1 – bit 9
GPIO2 – bit 10
R/W
0000
7:5
Reserved
RO
-
4:3
GPO Data 3-4 (GPODn). The value written is reflected on GPOn.
GPO3 – bit 3
GPO4 – bit 4
R/W
00
2:0
GPIO Data 0-2 (GPIODn). When enabled as an output, the value written is
reflected on GPIOn. When read, GPIOn reflects the current state of the
corresponding GPIO pin.
GPIO0 – bit 0
GPIO1 – bit 1
GPIO2 – bit 2
R/W
000
TABLE 5-4:
EEPROM ENABLE BIT DEFINITIONS
[22]
[21]
[20]
EEDIO Function
EECLK Function
0
0
0
EEDIO
EECLK
0
0
1
GPO3
GPO4
0
1
0
Reserved
0
1
1
GPO3
RX_DV
1
0
0
Reserved
1
0
1
TX_EN
GPO4
1
1
0
TX_EN
RX_DV
11
1
TX_CLK
RX_CLK
Offset:
8Ch
Size:
32 bits
Bits
Description
Type
Default
31-30
Reserved
RO
-
29
GP Timer Enable (TIMER_EN). When a one is written to this bit the GP
Timer is put into the run state. When cleared, the GP Timer is halted. On the
1 to 0 transition of this bit the GPT_LOAD field will be preset to FFFFh.
R/W
0
28-16
Reserved
RO
-
15-0
General Purpose Timer Pre-Load (GPT_LOAD). This value is pre-loaded
into the GP-Timer.
R/W
FFFFh
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com