Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 8Page - Microchip Technology LAN9115 Datasheet HTML 9Page - Microchip Technology LAN9115 Datasheet HTML 10Page - Microchip Technology LAN9115 Datasheet HTML 11Page - Microchip Technology LAN9115 Datasheet HTML 12Page - Microchip Technology LAN9115 Datasheet HTML 13Page - Microchip Technology LAN9115 Datasheet HTML 14Page - Microchip Technology LAN9115 Datasheet HTML 15Page - Microchip Technology LAN9115 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
LAN9115
DS00002269A-page 12
 2005-2016 Microchip Technology Inc.
100, 99,
98
General Purpose I/O
data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex Indicator).
GPIO[2:0]/
LED[3:1]
IS/O12/
OD12
3
General Purpose I/O data: These
three general-purpose signals are fully
programmable as either push-pull
output, open-drain output or input by
writing the GPIO_CFG configuration
register in the CSR’s. They are also
multiplexed as GP LED connections.
GPIO signals are Schmitt-triggered
inputs. When configured as LED
outputs these signals are open-drain.
nLED1 (Speed Indicator). This signal
is driven low when the operating speed
is 100Mbs, during auto-negotiation and
when the cable is disconnected. This
signal is driven high only during 10Mbs
operation.
nLED2 (Link & Activity Indicator).
This signal is driven low (LED on)
when the LAN9115 detects a valid link.
This signal is pulsed high (LED off) for
80mS whenever transmit or receive
activity is detected. This signal is then
driven low again for a minimum of
80mS, after which time it will repeat the
process if TX or RX activity is detected.
Effectively, LED2 is activated solid for a
link. When transmit or receive activity
is sensed LED2 will flash as an activity
indicator.
nLED3 (Full-Duplex Indicator). This
signal is driven low when the link is
operating in full-duplex mode.
10
RBIAS
RBIAS
AI
1
PLL Bias: Connect to an external
12.0K ohm 1.0% resistor to ground.
Used for the PLL Bias circuit.
9
Test Pin
ATEST
I
1
This pin must be connected to VDD for
normal operation.
2
Internal Regulator
Power
VREG
P
1
3.3V input for internal voltage regulator
20,28,3
5,
42,48,5
5,61,97
+3.3V I/O Power
VDD_IO
P
8
+3.3V I/O logic power supply pins
19,27,3
4,41,47,
54,60,9
6
I/O Ground
GND_IO
P
8
Ground for I/O pins
81,85,8
9
+3.3V Analog Power
VDD_A
P
3
+3.3V Analog power supply pins. See
Note 2-1
77,80,8
6,88
Analog Ground
VSS_A
P
4
Ground for analog circuitry
3,65
Core Voltage
Decoupling
VDD_CORE
P
2
1.8 V from internal core regulator. Both
pins must be connected together
externally and then tied to a 10uF 0.1-
Ohm ESR capacitor, in parallel with a
0.01uF capacitor to Ground next to
each pin. These pins must not be used
to supply power to other external
devices. See Note 2-1
TABLE 2-5:
SYSTEM AND POWER SIGNALS (CONTINUED)
Pin No.
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com