Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 67Page - Microchip Technology LAN9115 Datasheet HTML 68Page - Microchip Technology LAN9115 Datasheet HTML 69Page - Microchip Technology LAN9115 Datasheet HTML 70Page - Microchip Technology LAN9115 Datasheet HTML 71Page - Microchip Technology LAN9115 Datasheet HTML 72Page - Microchip Technology LAN9115 Datasheet HTML 73Page - Microchip Technology LAN9115 Datasheet HTML 74Page - Microchip Technology LAN9115 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 71
LAN9115
Bits
Description
Type
Default
31:14
RESERVED
RO
-
13-12
Power Management Mode (PM_MODE)
– These bits set the LAN9115 into
the appropriate Power Management mode. Special care must be taken when
modifying these bits.
Encoding:
00b – D0 (normal operation)
01b – D1 (wake-up frame and magic packet detection are enabled)
10b – D2 (can perform energy detect)
11b – RESERVED - Do not set in this mode
Note:
When the LAN9115 is in a any of the reduced power modes, a write
of any data to the BYTE_TEST register will wake-up the device. DO
NOT PERFORM WRITES TO OTHER ADDRRESSES while the
READY bit in this register is cleared.
SC
00b
11
RESERVED
RO
-
10
PHY Reset (PHY_RST) – Writing a ‘1’ to this bit resets the PHY. The internal
logic automatically holds the PHY reset for a minimum of 100us. When the
PHY is released from reset, this bit is automatically cleared. All writes to this
bit are ignored while this bit is high.
SC
0b
9
Wake-On-Lan Enable (WOL_EN) – When set, the PME signal (if enabled with
PME_EN) will be asserted in accordance with the PME_IND bit upon a WOL
event. When set, the PME_INT will also be asserted upon a WOL event,
regardless of the setting of the PME_EN bit.
R/W
0b
8
Energy-Detect Enable (ED_EN) - When set, the PME signal (if enabled with
PME_EN) will be asserted in accordance with the PME_IND bit upon an
Energy-Detect event. When set, the PME_INT will also be asserted upon an
Energy Detect event, regardless of the setting of the PME_EN bit.
R/W
0b
7
RESERVED
RO
-
6
PME Buffer Type (PME_TYPE) – When cleared, enables PME to function as
an open-drain buffer for use in a Wired-Or configuration. When set, the PME
output is a Push-Pull driver. When configured as an open-drain output the
PME_POL field is ignored, and the output is always active low.
R/W
NASR
0b
5-4
WAKE-UP Status (WUPS) – This field indicates the cause of a wake-up event
detection as follows
00b -- No wake-up event detected
01b -- Energy detected
10b -- Wake-up frame or magic packet detected
11b -- Indicates multiple events occurred
WUPS bits are cleared by writing a ‘1’ to the appropriate bit. The device must
return to the D0 state (READY bit set) before these bits can be cleared.
Note:
In order to clear this bit, it is required that all event sources be
cleared as well. The event sources are described in FIGURE 3-11:
PME and PME_INT Signal Generation on page 32.
R/WC
00
3
PME indication (PME_IND). The PME signal can be configured as a pulsed
output or a static signal, which is asserted upon detection of a wake-up event.
When set, the PME signal will pulse active for 50mS upon detection of a wake-
up event.
When clear, the PME signal is driven continuously upon detection of a wake-
up event.
The PME signal can be deactivated by clearing the WUPS bits, or by clearing
the appropriate enable (refer to Section 3.10.2.3, "Power Management Event
Indicators," on page 31).
R/W
0b
2
PME Polarity (PME_POL). This bit controls the polarity of the PME signal.
When set, the PME output is an active high signal. When reset, it is active
low. When PME is configured as an open-drain output this field is ignored, and
the output is always active low.
R/W
NASR
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com