Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9115 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN9115
Description  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 60Page - Microchip Technology LAN9115 Datasheet HTML 61Page - Microchip Technology LAN9115 Datasheet HTML 62Page - Microchip Technology LAN9115 Datasheet HTML 63Page - Microchip Technology LAN9115 Datasheet HTML 64Page - Microchip Technology LAN9115 Datasheet HTML 65Page - Microchip Technology LAN9115 Datasheet HTML 66Page - Microchip Technology LAN9115 Datasheet HTML 67Page - Microchip Technology LAN9115 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
LAN9115
DS00002269A-page 64
 2005-2016 Microchip Technology Inc.
5.3.5
BYTE_TEST—BYTE ORDER TEST REGISTER
This register can be used to determine the byte ordering of the current configuration
5.3.6
FIFO_INT—FIFO LEVEL INTERRUPTS
This register configures the limits where the FIFO Controllers will generate system interrupts.
9
TX Data FIFO Available Interrupt (TDFA_INT_EN)
R/W
0
8
TX Status FIFO Full Interrupt (TSFF_INT_EN)
R/W
0
7
TX Status FIFO Level Interrupt (TSFL_INT_EN)
R/W
0
6
RX Dropped Frame Interrupt Enable (RXDF_INT_EN)
R/W
0
5
Reserved
RO
-
4
RX Status FIFO Full Interrupt (RSFF_INT_EN)
R/W
0
3
RX Status FIFO Level Interrupt (RSFL_INT_EN)
R/W
0
2-0
GPIO [2:0] (GPIOx_INT_EN).
R/W
000
Offset:
64h
Size:
32 bits
Bits
Description
Type
Default
31:0
Byte Test
RO
87654321h
Offset:
68h
Size:
32 bits
Bits
Description
Type
Default
31-24
TX Data Available Level. The value in this field sets the level, in number of
64 Byte blocks, at which the TX FIFO Available interrupt (TFDA) will be
generated. When the TX data FIFO free space is greater than this value a
TX FIFO Available interrupt (TDFA) will be generated.
R/W
48h
23-16
TX Status Level. The value in this field sets the level, in number of
DWORDs, at which the TX Status FIFO Level interrupt (TSFL) will be
generated. When the TX Status FIFO used space is greater than this value
an TX Status FIFO Level interrupt (TSFL) will be generated.
R/W
00h
15-8
Reserved
RO
-
7-0
RX Status Level. The value in this field sets the level, in number of
DWORDs, at which the RX Status FIFO Level interrupt (RSFL) will be
generated. When the RX Status FIFO used space is greater than this value
an RX Status FIFO Level interrupt (RSFL) will be generated.
R/W
00h
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com